Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MLX90316
Description  Rotary Position Sensor IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90316 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MLX90316_05 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90316_05 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 11 of 34
Data Sheet
Rev. 001
4 October 05
10. MLX90316 Accuracy Specification
DC Operating Parameters at Vdd = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E or K).
All the errors expressed in Deg. Can be converted in %Vdd or %dc by using the following relationship:
Err (%Vdd) = Err (Deg)
× Output Span (%Vdd) / Angular Span (Deg) + Err_DAC + Err_OutBuf
Err (%DC) = Err (Deg)
× Output Span (%DC) / Angular Span (Deg)
Err (Serial Protocol) = Err (Deg)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ADC Resolution
RADC
Slow – 15 bits ADC (14 + sign)
Fast – 14 bits ADC (13 + sign)
0.005
0.01
Deg/LSB15
Deg/LSB14
Thermal Offset Drift #1
Thermal Offset Drift at the DSP
input (excl. DAC and output stage)
-60
+60
LSB15 (9)
Thermal Offset Drift #2
Thermal Offset Drift of the DAC
and Output Stage
Only for the Analog Output
- 0.2
+ 0.2
%Vdd
Analog Output Resolution
RDAC
12 bits DAC
(Theoretical – Noise free)
INL
DNL
-4
0.05
0.025
1
+4
2
%Vdd/LSB
LSB
LSB
Output stage Noise
0.05
% Vdd
Noise pk-pk (10)
RG = 9, Slow mode, Filter=5
RG = 9, Fast mode, Filter=0
0.03
0.1
0.06
0.2
Deg
Deg
Ratiometry Error
-0.1
0
0.1
%
PWM Output Resolution
RPWM
12 bits
(Theoretical – Jitter free)
0.025
%DC/LSB
PWM Jitter(11)
JPWM
fPWM = 250 Hz
0.2
%DC
Serial Protocol Output
Resolution
RSP
14 bits – 360 Deg. mapping
(Theoretical – Jitter free)
0.022
Deg/LSB
Intrinsic Linearity Error
(12)
Le
360 Deg
-2
2
Deg
(9) Thermal Offset Drift #1 yields to max. ± 0.3 Deg. drift for the computed angular information (output of
the DSP).
(10) The application diagram used is described in the recommended wiring. For detailed information, refer
to section filter in application mode.
(11) Jitter is defined by ± 3 for 1000 acquisitions.
(12) The Intrinsic Linearity Error refers to the IC itself (offset, sensitivity mismatch, orthogonality) taking into
account an ideal rotating field. Once associated to a practical magnetic construction and the associated
mechanical and magnetic tolerances, the output linearity error increases. However, it can be improved
with the 2 point or 3 point end-user calibration that is available on the MLX90316.


Similar Part No. - MLX90316_05

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90316DC MELEXIS-MLX90316DC Datasheet
427Kb / 6P
   Evaluation Board
MLX90316EDC-BCG--RE MELEXIS-MLX90316EDC-BCG--RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
MLX90316EDC-BCG-000-RE MELEXIS-MLX90316EDC-BCG-000-RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316EDC-SPI ETC2-MLX90316EDC-SPI Datasheet
673Kb / 41P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316EDCBCG-000RE MELEXIS-MLX90316EDCBCG-000RE Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316_05

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
   12 mm Rotary Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com