Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316EDC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MLX90316EDC
Description  Rotary Position Sensor IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90316EDC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MLX90316EDC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90316EDC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 10 of 34
Data Sheet
Rev. 001
4 October 05
8. MLX90316 Isolation Specification
DC Operating Parameters at Vdd = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E or K). Only valid for the package code GO i.e. dual die version.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Isolation Resistor
Between 2 dies – TSSOP package
4
M
9. MLX90316 Timing Specification
DC Operating Parameters at Vdd = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E or K).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Clock Frequency
Ck
Slow mode #-&
Fast mode #-&
7
20
MHz
MHz
Sampling Rate
Slow mode #-&
Fast mode #-&
600
200
s
s
Step Response Time
Ts
Slow mode #-&, Filter=5 #.&
Fast mode #-&, Filter=0 #.&
400
4
600
ms
s
Watchdog
Wd
5
ms
Start-up Cycle
Tsu
Slow and Fast mode #-&
15
ms
Analog Output Slew Rate
Cout = 42 nF
200
V/ms
PWM Frequency
FPWM
100
1000
Hz
(6) See section 14.1 for details concerning Slow and Fast mode
(7) See section 14.4 for details concerning Filter parameter


Similar Part No. - MLX90316EDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90316EDC-BCG--RE MELEXIS-MLX90316EDC-BCG--RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
MLX90316EDC-BCG-000-RE MELEXIS-MLX90316EDC-BCG-000-RE Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316EDC-SPI ETC2-MLX90316EDC-SPI Datasheet
673Kb / 41P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316EDCBCG-000RE MELEXIS-MLX90316EDCBCG-000RE Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316EDCBCG-000TU MELEXIS-MLX90316EDCBCG-000TU Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316EDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
   12 mm Rotary Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com