Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79901YZUT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79901YZUT
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79901YZUT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79901YZUT Datasheet HTML 7Page - Texas Instruments TPS79901YZUT Datasheet HTML 8Page - Texas Instruments TPS79901YZUT Datasheet HTML 9Page - Texas Instruments TPS79901YZUT Datasheet HTML 10Page - Texas Instruments TPS79901YZUT Datasheet HTML 11Page - Texas Instruments TPS79901YZUT Datasheet HTML 12Page - Texas Instruments TPS79901YZUT Datasheet HTML 13Page - Texas Instruments TPS79901YZUT Datasheet HTML 14Page - Texas Instruments TPS79901YZUT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
Startup
V =xV
N
OUT
10.5 V
m
RMS
V
(1)
Board Layout Recommendations to Improve
Transient Response
Internal Current Limit
Under-Voltage Lock-Out (UVLO)
Shutdown
Minimum Load
Dropout Voltage
TPS799xx
SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007
Noise can be referred to the feedback point (FB pin)
such
that
with
CNR = 0.01µF total noise is
Fixed voltage versions of the TPS799xx use a
approximately given by Equation 1:
quick-start circuit to fast-charge the noise reduction
capacitor, CNR, if present (see Functional Block
Diagrams, Figure 1). This allows the combination of
very low output noise and fast start-up times. The NR
The TPS79901 adjustable version does not have the
pin is high impedance so a low leakage CNR capacitor
noise-reduction pin available, so ultra-low noise
must
be
used;
most
ceramic
capacitors
are
operation is not possible. Noise can be minimized
appropriate in this configuration.
according to the above recommendations.
Note that for fastest startup, VIN should be applied
first, then the enable pin (EN) driven high. If EN is
PSRR and Noise Performance
tied to IN, startup will be somewhat slower. Refer to
Figure 25 and Figure 26 in the Typical Characteristics
To improve ac performance such as PSRR, output
section.
The
quick-start
switch
is
closed
for
noise, and transient response, it is recommended that
approximately 135
µs. To ensure that C
NR
is fully
the board be designed with separate ground planes
charged during the quick-start time, a 0.01
µF or
for VIN and VOUT, with each ground plane connected
smaller capacitor should be used.
only at the GND pin of the device. In addition, the
ground connection for the bypass capacitor should
connect directly to the GND pin of the device.
As with any regulator, increasing the size of the
output
capacitor
will
reduce
over/undershoot
magnitude but increase duration of the transient
The TPS799xx internal current limit helps protect the
response. In the adjustable version, adding CFB
regulator during fault conditions. During current limit,
between OUT and FB will improve stability and
the output will source a fixed amount of current that is
transient response. The transient response of the
largely independent of output voltage. For reliable
TPS799xx is enhanced by an active pull-down that
operation, the device should not be operated in
engages
when
the
output
overshoots
by
current limit for extended periods of time.
approximately 5% or more when the device is
enabled.
When
enabled,
the
pull-down
device
The PMOS pass element in the TPS799xx has a
behaves like a 350
Ω resistor to ground.
built-in body diode that conducts current when the
voltage at OUT exceeds the voltage at IN. This
current is not limited, so if extended reverse voltage
operation is anticipated, external limiting may be
The TPS799xx utilizes an under-voltage lock-out
appropriate.
circuit to keep the output shut off until internal
circuitry is operating properly. The UVLO circuit has a
de-glitch feature so that it will typically ignore
undershoot transients on the input if they are less
The enable pin (EN) is active high and is compatible
than 50
µs duration.
with standard and low voltage TTL-CMOS levels.
When shutdown capability is not required, EN can be
connected to IN.
The TPS799xx is stable and well-behaved with no
output load. To meet the specified accuracy, a
minimum load of 500
µA is required. Below 500µA at
The TPS799xx uses a PMOS pass transistor to
junction temperatures near +125
°C, the output can
achieve low dropout. When (VIN – VOUT) is less than
drift up enough to cause the output pull-down to turn
the dropout voltage (VDO), the PMOS pass device is
on. The output pull-down will limit voltage drift to 5%
in its linear region of operation and the input-to-output
typically
but
ground
current
could
increase
by
resistance is the RDS, ON of the PMOS pass element.
approximately 50
µA. In typical applications, the
Because the PMOS device behaves like a resistor in
junction cannot reach high temperatures at light loads
dropout, VDO will approximately scale with output
since there is no appreciable dissipated power. The
current.
specified ground current would then be valid at no
As with any linear regulator, PSRR and transient
load in most applications.
response are degraded as (VIN – VOUT) approaches
dropout. This effect is shown in Figure 18 through
Figure 20 in the Typical Characteristics section.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS79901YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901YZUT TI-TPS79901YZUT Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI-TPS79901YZUT Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901YZUT TI1-TPS79901YZUT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS79901YZUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com