Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90333KGO Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MLX90333KGO
Description  Triaxis 3D-Joystick Position Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90333KGO Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MLX90333KGO Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90333KGO Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MLX90333
Triaxis 3D-Joystick Position Sensor
3901090333
Page 6 of 38
Data Sheet
Rev. Preliminary
May 07
3. Glossary of Terms
Abbreviations Acronyms
Gauss (G), Tesla (T): Units for the magnetic flux density
− 1 mT = 10 G
TC: Temperature Coefficient (in ppm/Deg.C.)
NC: Not Connected
PWM: Pulse Width Modulation
%DC: Duty Cycle of the output signal i.e. TON /(TON + TOFF)
ADC: Analog-to-Digital Converter
DAC: Digital-to-Analog Converter
LSB: Least Significant Bit
MSB: Most Significant Bit
DNL: Differential Non-Linearity
INL: Integral Non-Linearity
RISC: Reduced Instruction Set Computer
ASP: Analog Signal Processing
DSP: Digital Signal Processing
ATAN: trigonometric function: arctangent (or inverse tangent)
IMC: Integrated Magneto-Concentrator (IMC
®)
CoRDiC: Coordinate Rotation Digital Computer (i.e. iterative rectangular-to-polar transform)
EMC: Electro-Magnetic Compatibility
4. Pinout
2
SOIC-8
TSSOP-16
Pin #
Analog / PWM
Serial Protocol
Analog / PWM
Serial Protocol
1
VDD
VDD
VDIG1
VDIG1
2
Test 0
Test 0
VSS1 (Ground1)
VSS1 (Ground1)
3
Not Used
/SS
VDD1
VDD1
4
Out 2
SCLK
Test 01
Test 01
5
Out 1
MOSI / MISO
Not Used
/SS2
6
Test 1
Test 1
Out 22
SCLK2
7
VDIG
VDIG
Out 12
MOSI2 / MISO2
8
VSS (Ground)
VSS (Ground)
Test 12
Test 12
9
VDIG2
VDIG2
10
VSS2 (Ground2)
VSS2 (Ground2)
11
VDD2
VDD2
12
Test 02
Test 02
13
Not Used
/SS1
14
Out 21
SCLK1
15
Out 11
MOSI1 / MISO1
16
Test 11
Test 11
For optimal EMC behavior, it is recommended to connect the unused pins (
Not Used and Test) to the
Ground (see section 16).
2
See Section 14.1 for the Out 1 and Out 2 configuration


Similar Part No. - MLX90333KGO

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90333KGO MELEXIS-MLX90333KGO Datasheet
822Kb / 38P
   Triaxis 3D-Joystick Position Sensor
MLX90333KGOBCH-000RE MELEXIS-MLX90333KGOBCH-000RE Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90333KGOBCH-000TU MELEXIS-MLX90333KGOBCH-000TU Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90333KGOBCH-100RE MELEXIS-MLX90333KGOBCH-100RE Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90333KGOBCH-100TU MELEXIS-MLX90333KGOBCH-100TU Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
More results

Similar Description - MLX90333KGO

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333 Datasheet
822Kb / 38P
   Triaxis 3D-Joystick Position Sensor
MLX90366 MELEXIS-MLX90366 Datasheet
1Mb / 34P
   Triaxis??Position Sensor Assembly feat. SENT
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
   3D-Hall Absolute Linear Position Sensor
logo
Schneider Electric
9001K37 SCHNEIDER-9001K37 Datasheet
102Kb / 1P
   30MM JOYSTICK 5 POSITION
Jan 4, 2022
9001K73H7 SCHNEIDER-9001K73H7 Datasheet
72Kb / 1P
   30MM JOYSTICK 3 POSITION
Jan 4, 2022
9001K33 SCHNEIDER-9001K33 Datasheet
98Kb / 3P
   30mm joystick 3 position
Jan 4, 2022
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_15 Datasheet
138Kb / 4P
   3D Magnetic Sensor
Revision 1.1 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com