Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90609EEA-N2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MLX90609EEA-N2
Description  Angular Rate Sensor (Standard version)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609EEA-N2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MLX90609EEA-N2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90609EEA-N2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 3 of 22
Data Sheet
Rev 007
January/08
1. Maximum Ratings
MLX90609 operates without failure, for 6500 hours with a certain temperature profile in the
-
40°C to +85ºC range.
The MLX90609 meets the following maximum ratings over the entire operating temperature range
and supply voltage range unless otherwise indicated. The current polarity is positive if the current
flows into a terminal. All voltages are referenced to VSS.
Parameter.
Min
Max
Units
Comments
Supply Voltage, VDD
-0.5
7
V
No latch-up or damage.
Rise time (10 to 90%):
tr ≥ 0.5 s.
Supply Voltage, VDD
4.75
5.25
V
Operating within specifications
Output pins (OUTAR, OUTTEMP, all digital IO’s)
current limit, shorted to VDD or VSS pin
25
mA
VDD = 0 to 7V
guaranteed by characterization
Operating Temperature Range, TAMBIENT
-40
85
°
C
Operating Temperature Range, TJUNCTION
-40
110
°
C
Output not shorted
Storage Temperature Range
-55
125
°
C
Package Thermal Resistance
100
°
C/W
Latch-up withstand
-150
150
mA
CDF - AEC - Q100-004;
VDD= 5.75V
Acceleration shock survival
±1500
g
Shock 0.5ms, 3 axis
Table 1. Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - MLX90609EEA-N2

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90609EEA-N2 MELEXIS-MLX90609EEA-N2 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
More results

Similar Description - MLX90609EEA-N2

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com