Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-ABA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MLX90614ESF-ABA
Description  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614ESF-ABA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MLX90614ESF-ABA Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614ESF-ABA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 6 of 40
Data Sheet
Rev 003
03/Oct/2007
7 Electrical Specifications
7.1 MLX90614Axx
All parameters are preliminary for TA = 25 ˚C, VDD =5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supplies
External supply
VDD
4.5
5
5.5
V
Supply current
IDD
No load
1
2
mA
Supply current
(programming)
IDDpr
No load, erase/write EEPROM
operations
1.5
2.5
mA
Zener voltage
Vz
Iz = 75…400 uA
5.6
5.75
5.8
V
Zener voltage
Vz(Ta)
Iz=70…400uA, full temperature
range
5.15
5.75
6.24
V
Power On Reset
POR level
VPOR
Power-up, power-down and
brown-out
2.7
3.0
3.3
V
VDD rise time
TPOR
Ensure POR signal
3
ms
Output valid (result in RAM)
Tvalid
After POR
0.15
s
Pulse width modulation
1
PWM resolution
PWMres
Data band
10
bit
PWM output period
PWMT,def
Factory default, internal oscillator
factory calibrated
1.024
ms
PWM period stability
dPWMT
Internal oscillator factory
calibrated, over the entire
operation range and supply
voltage
-4
+4
%
Output high Level
PWMHI
Isource = 2 mA
VDD-0.2
V
Output low Level
PWMLO
Isink = 2 mA
VSS+0.2
V
Output drive current
IdrivePWM
Vout,H = VDD - 0.8V
7
mA
Output sink current
IsinkPWM
Vout,L = 0.8V
13.5
mA
Output settling time
Tset
100 pF capacitive load, full
operating Ta range
500
ns
Output settling time
TsetRC
220 Ohm in series with 47nF load
on the wire, full Ta operating
range
20
50
us


Similar Part No. - MLX90614ESF-ABA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614ESF-ABA MELEXIS-MLX90614ESF-ABA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-ABA-000-TU MELEXIS-MLX90614ESF-ABA-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-ABA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com