Electronic Components Datasheet Search |
|
XC9111A181EL Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC9111A181EL Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 35 page 5/35 XC9110/XC9111 Series Note: The XC9110 series, Tr. Built-in type, uses the Lx pin and the XC9111 series, external Tr. Type, uses the EXT pin. The XC9110 / 9111 series E and F series have the VDD pin. The XC9110 series' duty ratio is 75% and oscillation frequency (FOSC) is 100kHz. The duty ratio of the XC9111 series automatically varies between 56% (oscillation frequency 180kHz) and 75% (oscillation frequency (FOSC) 100kHz). The VLx limit function only applies to the XC9110/9111 C versions. * The duty ratio depends on power supply. Please refer to the electrical characteristics on duty against output voltage you use. PARAMETER SYMBOL RATINGS UNITS VOUT Input Voltage VOUT – 0.3 ~ 12.0 V Lx Pin Voltage VLx – 0.3 ~ 12.0 V Lx Pin Current ILx 400 mA EXT Pin Voltage VEXT VSS – 0.3 ~ VOUT+0.3 V EXT Pin Current IEXT ± 100 mA CE Input Voltage VCE – 0.3 ~ 12.0 V VDD Input Voltage VDD – 0.3 ~ 12.0 V SOT-23, 25 250 SOT-89 500 Power Dissipation USP-6C Pd 100 mW Operating Temperature Range Topr – 40 ~ + 85 ℃ Storage Temperature Range Tstg – 55 ~ +125 ℃ ■ ABSOLUTE MAXIMUM RATINGS Ta = 25℃ * Define as VSS with a standard of all the voltage. ■ BLOCK DIAGRAMS ● XC9111 E and F series |
Similar Part No. - XC9111A181EL |
|
Similar Description - XC9111A181EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |