Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614BAB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MLX90614BAB
Description  Single and Dual Zone Infra Red Thermometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614BAB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MLX90614BAB Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90614BAB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 11 of 35
Data Sheet
Rev 1.0
14/Sep/2006
7.3 Block description
7.3.1 Amplifier
A low noise low offset amplifier with programmable gain is implemented for amplification of the IR sensor
voltage. With a carefully designed input modulator and balanced input impedance, an offset as low as 0.5µV
is achieved.
7.3.2 Supply regulator and POR
The module can operate from 2 different supplies:
VDD= 5V => MLX90614Axx
VDD=3.3V => MLX90614Bxx (battery or regulated supply)
Refer to “Applications information” section for information about adopting higher voltage supplies.
The Power On Reset (POR) is connected to Vdd supply. The on-chip POR circuit provides an active (high)
level of the POR signal when the Vdd voltage rises above approximately 0.5V and holds the entire
MLX90614xxx in reset until the Vdd is higher than the specified POR threshold VPOR (note that this level is
different for MLX90614Axx and MLX90614Bxx). During the time POR is active, the POR signal is available as
an open drain (active high) at the PWM/SDA pin. After the MLX90614xxx exits the POR condition, the
function programmed in EEPROM takes precedence for that pin.
7.3.3 EEPROM
A limited number of addresses in the EEPROM memory can be changed by the customer. The whole
EEPROM can be read via SMBus interface.
EEPROM (32X16)
Name
Address
Write acces
Tomax
000h
Yes
Tomin
001h
Yes
PWMCTRL
002h
Yes
Ta range
003h
Yes
Ke
004h
Yes
Config Register1
005h
Yes
Melexis reserved
006h
No
Melexis reserved
00Dh
No
SMBus address
00Eh
Yes
Melexis reserved
00Fh
Yes
Melexis reserved
010h
No
Melexis reserved
018
No
Melexis reserved
019h
Yes
Melexis reserved
01Ah
No
Melexis reserved
01Bh
No
ID number
01Ch
No
ID number
01Dh
No
ID number
01Eh
No
ID number
01Fh
No
The addresses Tomax, Tomin and Ta range are for customer dependent object and ambient temperature
ranges. For details see point 7.5.3 below in this document


Similar Part No. - MLX90614BAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614DCI MELEXIS-MLX90614DCI Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614BAB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com