Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU6370 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AU6370
Description  USB2.0 Multiple Slots Flash Memory Card Reader
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6370 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AU6370 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10 of 21
AU6370 USB 2.0 Multiple Slots Flash Memory Card Reader V1.00W
Official Release_ Public
Pin #
Pin Name
I/O
Description
27
PWRLED
O
Power LED; (Normal:"0"; Suspend"1")
28
GPON7
O
Card insert LED; (Card inserted:"0";
29
SDCDN
I
SD Card Detect
30
SDWP
I
SD Write Protect
31
EEPCLK
O
EEPROM Clock
32
EEPDATA
I/O
EEPROM Data
33
MSDATA3
I/O
MS Data3
34
MSDATA2
I/O
MS Data2
35
MSDATA1
I/O
MS Data1
36
MSDATA0
I/O
MS Data0
37
MSCLK
O
MS CLK
38
MSBS
O
MS BS
39
MSINS
I
MS INS
40
SMDATA7
I/O
SMDATA7
41
SMDATA6
I/O
SMDATA6
42
SMDATA5
I/O
SMDATA5
43
SMDATA4
I/O
SMDATA4
44
SMDATA3
I/O
SMDATA3
45
SMDATA2
I/O
SMDATA2
46
SMDATA1
I/O
SMDATA1
47
SMDATA0
I/O
SMDATA0
48
XDWPN
O
XD WP
49
XDCDN
I
XD CD
50
XDCEN
O
XD CE
51
SMWPN
I
SMC WP
52
SMCEN
O
SMC CE
53
SMCDN
I
SMC CD
54
SMRBN
I
SMC read/busy. External pull up with 470K to 3.3V.
55
SMWRN
O
SM WRN


Similar Part No. - AU6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
   USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9362 ETC-AU9362 Datasheet
522Kb / 26P
   USB Multiple Slots Flash Memory Card Reader Technical Reference Manual
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com