Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU6370 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU6370
Description  USB2.0 Multiple Slots Flash Memory Card Reader
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6370 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU6370 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6370 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Page 9 of 21
AU6370 USB 2.0 Multiple Slots Flash Memory Card Reader V1.00W
Official Release_ Public
Table 3.1 Pin Descriptions
Pin #
Pin Name
I/O
Description
1
GPI0
I
Slot Mode Select
(GPI1, GPI0) = (0,0) : Reserved
(GPI1, GPI0) = (0,1) : 2 Luns
(GPI1, GPI0) = (1,0) : 4.5 Luns
(GPI1, GPI0) = (1,1) : 1 Lun
2
SDDATA3
I/O
SD Data3
3
SDCMD
I/O
SD CMD
4
SDCLK
O
SD CLK
5
SDDATA0
I/O
SD Data0
6
SDDATA1
I/O
SD Data1
7
SDDATA2
I/O
SD Data2
8
GND
PWR
core power ground pad
9
VDD
PWR
1.8 V core power pad
10
REXT
PWR
330 R Pull low
11
VDD33P
PWR
3.3 V PHY power pad
12
DP
I/O
USB DP
13
DM
I/O
USB DM
14
VSS33P
PWR
Ground pad. PHY IO ground pad
15
XI
I
12 MHz crystal pads
16
XO
O
12 MHz crystal pads
17
VSSU
Ground pad. PHY ground pad
18
VDDA
PWR
Crystal power pad
19
V18
O
Core Power1.8V
20
VDDHM
I
IO Power 3.3V
21
VDD33
I
Switch Power 3.3V
22
CF_V33
O
CF Card Power
23
XD_V33
O
SMC and XD share XD_V33 Power
24
MS_VCC
O
MS Card Power
25
SD_VCC
O
SD Card Power
26
VSSHM
PWR
IO Ground


Similar Part No. - AU6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
   USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9362 ETC-AU9362 Datasheet
522Kb / 26P
   USB Multiple Slots Flash Memory Card Reader Technical Reference Manual
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com