Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614KSF-CAC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MLX90614KSF-CAC
Description  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614KSF-CAC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MLX90614KSF-CAC Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90614KSF-CAC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 7 of 40
Data Sheet
Rev 003
03/Oct/2007
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH
1.8
2
2.2
V
Input high voltage
VIH(Ta,V)
Over temperature and supply
1.6
2.4
V
Input low voltage
VIL
0.7
1.0
1.3
V
Input low voltage
VIL(Ta,V)
Over temperature and supply
0.5
1.5
V
Output low voltage
VOL
SDA pin in open drain mode,
over temperature and supply,
Isink = 2mA
0.2
V
SCL leakage
ISCL,leak
VSCL=4V, Ta=+85°C
30
uA
SDA leakage
ISDA,leak
VSDA=4V, Ta=+85°C
0.3
uA
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5Ah
hex
SMBus Request
tREQ
SCL low
1.024
ms
Timeout, low
Timeout,L
SCL low
30
ms
Timeout, high
Timeout,H
SCL high
50
us
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
0.5
1.5
us
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
1.5
2.5
us
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
us
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
1.5
us
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Notes:
All the communication and refresh rate timings are given for the nominal calibrated HFO frequency and will vary
with this frequency’s variations.
1. All PWM timing specifications are given for single PWM output (factory default for MLX90614xAx). For the extended
PWM output (factory default for the MLX90614xBx) each period has twice the timing specifications (refer to the PWM
detailed description section). With large capacitive load lower PWM frequency is recommended. Thermal relay output
(when configured) has the PWM DC specification and can be programmed as push-pull, or NMOS open drain. PWM is
free-running, power-up factory default is SMBus, refer to 7.6, “Switching between PWM and SMBus communication” for
details..
2. For SMBus compatible interface on 12V application refer to Application information section. SMBus compatible
interface is described in details in the SMBus detailed description section. Maximum number of MLX90614xxx devices on
one bus is 127, higher pullup currents are recommended for higher number of devices, faster bus data transfer rates, and
increased reactive loading of the bus.
MLX90614xxx is always a slave device on the bus. MLX90614xxx can work in both low-power and high-power SMBus
communication.
All voltages are referred to the Vss (ground) unless otherwise noted.
Power saving mode is not available on the 5V version (MLX90614Axx).


Similar Part No. - MLX90614KSF-CAC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614KSF-CAC MELEXIS-MLX90614KSF-CAC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614KSF-CAC-000-TU MELEXIS-MLX90614KSF-CAC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614KSF-CAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com