Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU9226 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU9226
Description  USB KVM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU9226 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU9226 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9226 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
3. Pin Assignment
The AU9226 is delivered in 48pin LQFP form factor.
Documented below is a figure
shows signal names of each pin and a table in the following page describes each pin
in more details.
Figure 3.1 Pin Assignment Diagram
AVCC
AVSS
XTAL1
XTAL2
VCC5V
BVCC
BVSS
SWITCHN
AUDIOSWITCHN
BUS_PWRD
BEEP
INTN
VCC
SWITCHMODE0
SWITCHMODE1
PS2_CLK
PS2_DAT
GPO1
GPO0
GPO2
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
33
35
36
34
37
38
39
40
41
42
43
44
45
46
47
48
AU9226
SWITCHMODE2
D0
D1
D2
AU9226 USB KVM Controller V1.01W
3


Similar Part No. - AU9226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9223 ETC2-AU9223 Datasheet
887Kb / 21P
   USB KVM Controller Technical Reference Manual
AU9228 ETC2-AU9228 Datasheet
592Kb / 23P
   USB KVM Controller
More results

Similar Description - AU9226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9228 ETC2-AU9228 Datasheet
592Kb / 23P
   USB KVM Controller
AU9223 ETC2-AU9223 Datasheet
887Kb / 21P
   USB KVM Controller Technical Reference Manual
logo
Level One
KVM-0407 LVL1-KVM-0407 Datasheet
145Kb / 2P
   4-Port USB KVM Switch
KVM-0222 LVL1-KVM-0222 Datasheet
929Kb / 2P
   2-Port USB KVM Switch
KVM-9006 LVL1-KVM-9006 Datasheet
171Kb / 3P
   USB Cat.5 KVM Extender
logo
Tripp Lite. All Rights ...
B006-VU4-R TRIPPLITE-B006-VU4-R Datasheet
480Kb / 3P
   4-Port Desktop KVM Switch (USB)
logo
ASIX Electronics Corpor...
AX6800X ASIX-AX6800X_V01 Datasheet
2Mb / 1P
   Single Chip USB KVM Switch SoC
logo
Tripp Lite. All Rights ...
B006VU4R TRIPPLITE-B006VU4R Datasheet
482Kb / 2P
   4-Port Desktop KVM Switch (USB)
logo
List of Unclassifed Man...
B062-002-USB ETC2-B062-002-USB Datasheet
487Kb / 4P
   KVM Switch Accessories- USB Console Interface Module for NetDirector Matrix KVM Switches
logo
Level One
KVM-0221 LVL1-KVM-0221 Datasheet
1Mb / 2P
   2-Port USB KVM Switch w/ Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com