Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614KSF-ABC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MLX90614KSF-ABC
Description  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614KSF-ABC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MLX90614KSF-ABC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90614KSF-ABC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
8 Detailed description
8.1 Block diagram
81101
OPA
ADC
DSP
PWM
STATE MACHINE
Voltage
Regulator
90302
Figure 3: block diagram
8.2 Signal processing principle
The operation of the MLX90614 is controlled by an internal state machine, which controls the measurements
and calculations of the object and ambient temperatures and does the post-processing of the temperatures to
output them through the PWM output or the SMBus compatible interface.
The ASSP supports 2 IR sensors (second one not implemented in the MLX90614xAx).The output of the IR
sensors is amplified by a low noise low offset chopper amplifier with programmable gain, converted by a
Sigma Delta modulator to a single bit stream and fed to a powerful DSP for further processing. The signal is
treated by programmable (by means of EEPROM contend) FIR and IIR low pass filters for further reduction of
the band width of the input signal to achieve the desired noise performance and refresh rate. The output of
the IIR filter is the measurement result and is available in the internal RAM. 3 different cells are available:
One for the on-board temperature sensor (on chip PTAT or PTC) and 2 for the IR sensors.
Based on results of the above measurements, the corresponding ambient temperature Ta and object
temperatures To are calculated. Both calculated temperatures have a resolution of 0.01 ˚C. The data for Ta
and To can be read in two ways: Reading RAM cells dedicated for this purpose via the 2-wire interface
(0.02°C resolution, fixed ranges), or through the PWM digital output (10 bit resolution, configurable range).
In the last step of the measurement cycle, the measured Ta and To are rescaled to the desired output
resolution of the PWM) and the recalculated data is loaded in the registers of the PWM state machine, which
creates a constant frequency with a duty cycle representing the measured data.
3901090614
Page 10 of 40
Data Sheet
Rev 003
03/Oct/2007


Similar Part No. - MLX90614KSF-ABC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614KSF-ABC MELEXIS-MLX90614KSF-ABC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614KSF-ABC-000-TU MELEXIS-MLX90614KSF-ABC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614KSF-ABC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com