Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU9462 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU9462
Description  USB Keyboard Hub Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AU9462 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU9462 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9462 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Page 9 of 23
AU9462 USB Keyboard Hub Controller V1.03W
Official Release_ Public
Table 3.1 Pin Descriptions
Pin
Pin Name
IO Type
Description
1
XTAL_1
Input
12MHz Crystal input
2
XTAL_2
Output
12MHz Crystal output
3
GNDA
Ground
4
VCCA
Power
Analog power
5
NC
6
DP2_PWROUT Power
Port 2 power supply and over-current detection.
7
NC
8
DP1_PWROUT Power
Port 1 power supply and over-current detection.
9
NC
10
VCC5V
Power
5v power supply
11
NC
12
VCC3V
Power
3v power supply
13
USB_DM
Input/ Output
USB upstream D-
14
USB_DP
Input/ Output
USB upstream D+
15
USB1_DP
Input/ Output
USB downstream Port1 D+
16
USB1_DM
Input/ Output
USB downstream port1 D-
17
NC
18
GNDIO
GROUND
19
SCAN_R1
Input/ Output, Pull down
Row Scan line
20
NC
21
USB2_DP
Input/ Output
USB downstream Port2 D+
22
USB2_DM
Input/ Output
USB downstream Port2 D-
23
NC
24
SCAN_R2
Input/ Output, Pull down
Row Scan line
25
SCAN_R3
Input/ Output, Pull down
Row Scan line
26
SCAN_R4
Input/ Output, Pull down
Row Scan line
27
SCAN_R5
Input/ Output, Pull down
Row Scan line
28
SCAN_R6
Input/ Output, Pull down
Row Scan line
29
SCAN_R7
Input/ Output, Pull down
Row Scan line
30
SCAN_R8
Input/ Output, Pull down
Row Scan line
31
SCAN_R9
Input/ Output, Pull down
Row Scan line
32
SCAN_R10
Input/ Output, Pull down
Row Scan line
33
SCAN_R11
Input/ Output, Pull down
Row Scan line
34
SCAN_R12
Input/ Output, Pull down
Row Scan line
35
SCAN_R13
Input/ Output, Pull down
Row Scan line
36
SCAN_R14
Input/ Output, Pull down
Row Scan line
37
SCAN_R15
Input/ Output, Pull down
Row Scan line
38
SCAN_R16
Input/ Output, Pull down
Row Scan line
39
SCAN_R17
Input/ Output, Pull down
Row Scan line
40
SCAN_R18
Input/ Output, Pull down
Row Scan line
41
SCAN_R19
Input/ Output, Pull down
Row Scan line
42
SCAN_C1
INPUT,PULL UP
Column Scan line
43
SCAN_C2
Input, Pull up
Column Scan line


Similar Part No. - AU9462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
More results

Similar Description - AU9462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
GL651USB ETC-GL651USB Datasheet
156Kb / 16P
   2-PORT USB KEYBOARD HUB CONTROLLER
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325_05 Datasheet
1Mb / 109P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
Winbond
W81282F WINBOND-W81282F Datasheet
175Kb / 18P
   USB Keyboard Controller with 4 Ports Hub
logo
ATMEL Corporation
AT43USB326 ATMEL-AT43USB326_06 Datasheet
1Mb / 102P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
List of Unclassifed Man...
AU9432 ETC2-AU9432_05 Datasheet
252Kb / 28P
   Multimedia USB Keyboard Hub
AU9472R2 ETC1-AU9472R2 Datasheet
447Kb / 31P
   Integrated USB Keyboard and 2 Port Hub Controller Chip
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com