Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA5312 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUA5312
Description  2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5312 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUA5312 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA5312 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
EUA5312
DS5312 Ver 1.7 May. 2005
3
Pin Configurations
Package
Pin Configurations(Top View)
TSSOP-24 with a Thermal
Pad exposure on the bottom
of the package
Pin Description
PIN
PIN
I/O
DESCRIPTION
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
GAIN0
2
I
Bit 0 of gain control
GAIN1
3
I
Bit 1 of gain control
GND
1,12
13,24
Ground connection for circuitry. Connected to thermal pad.
LHPIN
6
I
Left channel headphone input, selected when
BTL
SE/
is held high.
LIN
10
I
Common left input for fully differential input. AC ground for single-ended
inputs.
LLINEIN
5
I
Left channel line input, selected when
BTL
SE/
is held low.
LOUT+
4
O
Left channel positive output in BTL mode and positive output in SE mode.
LOUT-
9
O
Left channel negative output in BTL mode and high-impedance in SE mode.
PC-BEEP
14
I
The input for PC Beep mode. PC-BEEP is enabled when a > 1-V (peak-to-peak)
square wave is input to PC-BEEP or PCB ENABLE is high.
LINE
HP/
17
I
LINE
HP/
is the input MUX control input. When the
LINE
HP/
terminal is held
high, the headphone inputs (LHPIN or RHPIN [6, 20]) are active. When the
LINE
HP/
terminal is held low, the line BTL inputs (LLINEIN or RLINEIN [5,
23]) are active.
PVDD
7,18
I
Power supply for output stage.
RHPIN
20
I
Right channel headphone input, selected when
BTL
SE/
is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended
inputs.
RLINEIN
23
I
Right channel line input, selected when
BTL
SE/
is held low.
ROUT+
21
O
Right channel positive output in BTL mode and positive output in SE mode.
ROUT-
16
O
Right channel negative output in BTL mode and high-impedance in SE mode.
SHUTDOWN
22
I
When held low, this terminal place the entire device, except PC-BEEP detect
circuitry, in shutdown mode.
BTL
SE/
15
I
Input and output MUX control. When this terminal is held high, the LHPIN or
RHPIN and SE output is selected. When this terminal is held low, the LLINEIN
or RLINEIN and BTL output are selected.
VDD
19
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to
achieve highest performance.


Similar Part No. - EUA5312

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
EUA5202QIR0 EUTECH-EUA5202QIR0 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
EUA5202QIR1 EUTECH-EUA5202QIR1 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
EUA5202QIT0 EUTECH-EUA5202QIT0 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
EUA5202QIT1 EUTECH-EUA5202QIT1 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results

Similar Description - EUA5312

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com