Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6011AQIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA6011AQIR1
Description  3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6011AQIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA6011AQIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6011AQIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EUA6011A
DS6011A Ver 1.0 Mar. 2006
1
3-W Stereo Audio Power Amplifier
with Advanced DC Volume Control
DESCRIPTOIN
The EUA6011A is a stereo audio power amplifier that drives
3 W/channel of continuous RMS power into a 3-Ω load.
Advanced dc volume control minimizes external components
and allows BTL (speaker) volume control and SE (headphone)
volume control. Notebook and pocket PCs benefit from the
integrated feature set that minimizes external components
without sacrificing functionality.
To simplify design, the speaker volume level is adjusted by
applying a dc voltage to the VOLUME terminal. Likewise, the
delta between speaker volume and headphone volume can be
adjusted by applying a dc voltage to the SEDIFF terminal. To
avoid an unexpected high volume level through the
headphones, a third terminal, SEMAX, limits the headphone
volume level when a dc voltage is applied. Finally, to ensure a
smooth transition between active and shutdown modes, a fade
mode ramps the volume up and down.
FEATURES
Advanced DC Volume Control With 2-dB Steps
From -40 dB to 20 dB
-Fade Mode
-Maximum Volume Setting for SE Mode
-Adjustable SE Volume Control
Referenced to BTL Volume control
3 W into 3-Ω Speakers
Stereo Input MUX
Differential Inputs
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Notebook PC
LCD Monitors
Pocket PC


Similar Part No. - EUA6011AQIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019QIR1 EUTECH-EUA6019QIR1 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019QIT1 EUTECH-EUA6019QIT1 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results

Similar Description - EUA6011AQIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com