Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6027QIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUA6027QIR1
Description  2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6027QIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUA6027QIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EUA6027
DS6027 Ver 1.0 Feb. 2007
5
Absolute Maximum Ratings
Supply voltage, VDD------------------------------------------------------------------------------------------------ 6V
Input voltage, VI------------------------------------------------------------------------------ –0.3 V to VDD +0.3 V
Operating free-air temperature range, TA--------------------------------------------------------- –40°C to 85° C
Operating junction temperature range, TJ ------------------------------------------------------ - –40°C to 150°C
Storage temperature range, Tstg------------------------------------------------------------------ -- –65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds----------------------------------------- 260°C
Thermal Resistance
θJA (TSSOP) ----------------------------------------------------------------------------------------------- 87.9°C/W
Recommended Operating Conditions
Min
Max
Unit
Supply voltage, VDD
4.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
2
V
Low-level input voltage, VIL
SHUTDOWN
0.8
V
Operating free-air temperature, TA
-40
85
°C
Electrical Characteristics at Specified Free-air Temperature, VDD = 5V, TA = 25°C
(unless otherwise noted)
EUA6027
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
OO
V
Output offset voltage
(measured differentially)
VI= 0, AV=-2V/V,BTL,no load
5
25
mV
PSRR
Power supply rejection ratio
VDD= 4.5 V to 5.5 V
77
dB
IH
I
High-level input current
VDD= 5.5V, VI = VDD
1
µA
IL
I
Low-level input current
VDD=5.5V, VI = 0V
1
µA
IDD
Supply current, no load
SHUTDOWN =2V
10.7
mA
IDD(SD)
Supply current, shutdown mode
SHUTDOWN =0.8V
80
300
µA
Operating Characteristics, VDD = 5V, TA = 25°C, RL = 8Ω, Gain =-2V/V(unless otherwise noted)
EUA6027
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
PO
Output power
THD=1%, RL=4Ω,f=1kHz
1.9
W
THD+N
Total harmonic distortion plus
noise
PO=1W, RL=8Ω, f=20Hz to 15kHz
0.05
@1KHz
%
BOM
Maximum output power
bandwidth
THD=5%, RL=8Ω
15
kHz
KSVR
Supply ripple rejection ratio
f =1kHz, CB=0.47µF
-75
dB
SNR
Signal-to-noise ratio
100
dB
Vn
Noise output voltage
CB=0.47µF,f=20 Hz to 20 kHz,
20.3
µVRMS


Similar Part No. - EUA6027QIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027AQIR1 EUTECH-EUA6027AQIR1 Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
More results

Similar Description - EUA6027QIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com