Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6027QIR1 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUA6027QIR1
Description  2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6027QIR1 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUA6027QIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6027QIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EUA6027
DS6027 Ver 1.0 Feb. 2007
3
Pin Configurations
Package Type
Pin Configurations
TSSOP-20 (FD)
Pin Description
PIN
PIN
I/O
DESCRIPTION
BYPASS
10
-
Tap to voltage divider for internal midsupply bias generator
GAIN0
2
I
Bit 0 of gain control
GAIN1
3
I
Bit 1 of gain control
GND
1,11
13,20
-
Ground
LIN-
5
I
Left channel negative differential input
LIN+
9
I
Left channel positive differential input
LOUT-
8
O
Left channel negative output
LOUT+
4
O
Left channel positive output
NC
12
-
No connection
PVDD
6,15
I
Supply voltage terminal
ROUT-
14
O
Right channel negative output
ROUT+
18
O
Right channel positive output
RIN-
17
I
Right channel negative differential input
RIN+
7
I
Right channel positive differential input
SHUTDOWN
19
I
Places IC in shutdown mode when held low
VDD
16
-
Supply voltage terminal


Similar Part No. - EUA6027QIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027AQIR1 EUTECH-EUA6027AQIR1 Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
More results

Similar Description - EUA6027QIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com