Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6205 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUA6205
Description  1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6205 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUA6205 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 13Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EUA6205
DS6205 Ver 1.0 Mar. 2007
10
Application Information
Application Schematics
Figure23 through Figure26 show application schematics
for differential and single-ended inputs. Typical values
are shown in Table1.
Table1. Typical Component Value
Component
Value
RI
10kΩ
RF
10kΩ
C(BYPASS)
0.22µF
CS
1µF
CI
0.22µF
Figure 23. Differential Input Application Schematic
Optimized With Input Capacitors
Figure 24. Single-Ended Input Application Schematic
Figure 25. Application Schematic With Summing Two
Differential Inputs
Figure 26. Application Schematic With Summing Two
Single-Ended Inputs
Power Dissipation
Power dissipation is a major concern when designing a
successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased
power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the
EUA6205 has two operational amplifiers in one package,
the maximum internal power dissipation is 4 times that of
a single-ended amplifier. The maximum power dissipation
for a given application can be derived from the power
dissipation graphs of from equation1.
--------------------(1)
It is critical that the maximum junction temperature TJMAX
of 150°C is not exceeded. TJMAX can be determine from
the power derating curves by using PDMAX and the PC
board foil area. By adding additional copper foil, the
)
R
/(2π
)
(V
*
4
P
L
DD
DMAX
2
2
=


Similar Part No. - EUA6205

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
EUA6204ADIR1 EUTECH-EUA6204ADIR1 Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
EUA6204JIR1 EUTECH-EUA6204JIR1 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
EUA6204MIR1 EUTECH-EUA6204MIR1 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - EUA6205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com