Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6412 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA6412
Description  2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6412 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA6412 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
EUA6412
DS6412 Ver 1.0 Dec. 2006
1
2.6-W Stereo Audio Power Amplifier
with Four Selectable Gain Settings
DESCRIPTOIN
The EUA6412 is a stereo audio power amplifier. When
driving 1 W into 8–Ω speakers, the EUA6412 has less than
0.8% THD+N across its specified frequency range. Included
within this device is integrated depop circuitry that virtually
eliminates transients that cause noise in the speakers.
Amplifier gain is internally configured and controlled by way
of two terminals (GAIN0 and GAIN1). BTL gain settings of 6
dB, 10 dB, 15.6 dB, and 21.6 dB are provided, while SE
gain is always configured as 4.1 dB for headphone drive. An
internal input MUX allows two sets of stereo inputs to the
amplifier .The
LINE
HP/
terminal allows the user to select
which MUX input is active, regardless of whether the
amplifier is in SE or BTL mode. In notebook applications,
where internal speakers are driven as BTL and the line outputs
(often headphone drive) are required to be SE, the EUA6412
automatically switches into SE mode when the
BTL
SE/
input
is activated, and this reduces the gain to 4.1 dB.
The EUA6412 consumes only 5.2mA of supply current during
normal operation.
Block Diagram
FEATURES
2.6W per Channel Output Power Into 3-Ω Load
Internal Gain Control, Which Eliminates
External Gain-Setting Components
Input MUX Select Terminal
PC-Beep Input
Depop Circuitry Integrated
Two Input Modes Allowable with Single-Ended or
Fully Differential Input
Low Supply Current and Shutdown Current
Thermal Shutdown Protection
TSSOP-24 with Thermal Pad
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Notebook Computers
Multimedia Monitors
Digital Radios and Portable TVs


Similar Part No. - EUA6412

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412AQIR1 EUTECH-EUA6412AQIR1 Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
More results

Similar Description - EUA6412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com