Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP2561 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP2561
Description  26V Step-Up Converters for Two to Six White LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2561 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP2561 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2561 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EUP2561
DS2561 Ver1.0 Dec. 2006
4
Absolute Maximum Ratings
IN to GND -------------------------------------------------------------------------- -0.3V to 6V
PGND to GND ---------------------------------------------------------------------- -0.3V to 0.3V
LX,OUT to GND ------------------------------------------------------------------- -0.3V to 30V
CTRL to GND -------------------------------------- -0.3V to the lower of 6V or (VIN +0.5V)
COMP,CS to GND ---------------------------------------------------------- -0.3V to (VIN +0.3V)
ILX ------------------------------------------------------------------------------------- 1A
Thermal Resistance
DFN-8 -------------------------------------------------------------------------------- 50°C /W
Junction Temperature ---------------------------------------------------------------- 150°C
Storage Temperature Range ------------------------------------------------------ -65°C to 150°C
Lead Temperature (Soldering, 10sec.) --------------------------------------------- 260°C
Recommended Operating Conditions
Supply Voltage, VIN ---------------------------------------------------------------- 2.6V to 5.5V
Operating Temperature Rang ----------------------------------------------------- -40°C to 85°C
Electrical Characteristics
(VIN = 3V, VOUT = 20V, COUT = 0.1µF, CCOMP = 0.15µF, RSENSE = 7.5Ω, VCTRL = 1.5V, Figure 2,
TA =-40°C to +85°C, unless otherwise noted.)
EUP2561
Parameter
Conditions
Min
Typ
Max.
Unit
Supply Voltage
2.6
5.5
V
UVLO Threshold
VIN rising or falling
2.20
2.40
2.60
V
Quiescent Current
No Switching
0.39
0.60
mA
OVLO Threshold
VOUT rising
26
27.5
29
V
VOUT=26V,VCTRL> 0.24V
12
22
35
OUT Input Bias Current
VOUT=VIN, CTRL=GND
0.01
1
µA
Output Voltage Range
(VIN-VD1)
25.5
V
ERROR AMPLIFIER
CTRL to CS Regulation
VCTRL = 1V, VIN= 2.6V to 5.5V
0.095
0.100
0.105
V
CTRL Input Resistance
VCTRL ≤ 1.0V
200
400
700
CTRL Dual-Mode
Threshold
Rising
100
180
260
mV
CTRL Shutdown Enable
Delay
7.5
mS
CS-to-COMP
Transconductance
Vcomp=1.0V
21
52
85
µS
OSCILLATOR
Operating Frequency
0.78
1.05
1.3
MHz
Maximum Duty Cycle
CTRL=IN CS=GND
88
92
96
%
N-CHANNEL SWITCH
LX On-Resistance
1.6
2.4
Ω
LX Current Limit
Duty cycle=90%
550
750
1000
mA


Similar Part No. - EUP2561

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2512 EUTECH-EUP2512 Datasheet
181Kb / 2P
   Dual Channel DC-DC Converter for AMOLED
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
EUP2518OIR1 EUTECH-EUP2518OIR1 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
EUP2520JIR1 EUTECH-EUP2520JIR1 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
More results

Similar Description - EUP2561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Eutech Microelectronics...
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
   32V Step-Up Converters for Two to Nine White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Anpec Electronics Corop...
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com