Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7180 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7180
Description  1關A Quiescent Current, 150mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7180 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7180 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7180 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EUP7180
DS7180 Ver1.2 Oct. 2007
5
Typical Operating Characteristics
0
25
50
75
100
125
150
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
VIN=3.3V
Output Voltage vs. Output Current
Output Current IOUT(mA)
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
Folded Back Current Limit
VIN=3.3V
Output Current (mA)
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
Output Voltage vs. Input Voltage
IOUT=1mA, 40mA, 100mA
Input Voltage (V)
0
30
60
90
120
150
0
50
100
150
200
250
300
Dropout Voltage vs. Output Current
Output Current (mA)
0
2040
6080
100
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
TA=-40℃
25℃
85℃
VIN=3.3V
Output Voltage vs. Output Current
Output Current (mA)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2.250
2.275
2.300
2.325
2.350
Output Voltage vs. Input Voltage
IOUT=1mA
40mA
100mA
Input Voltage (V)


Similar Part No. - EUP7180

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-18VIR1 EUTECH-EUP7182-18VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-25VIR1 EUTECH-EUP7182-25VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-28VIR1 EUTECH-EUP7182-28VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-30VIR1 EUTECH-EUP7182-30VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
More results

Similar Description - EUP7180

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com