Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7180-25VIR1 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP7180-25VIR1
Description  1關A Quiescent Current, 150mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7180-25VIR1 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP7180-25VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7180-25VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EUP7180
DS7180 Ver1.2 Oct. 2007
4
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------
-0.3V to 6V
Operating Junction Temperature Range -----------------------------------------------
-40°C to 150°C
Storage Temperature Range -------------------------------------------------------------
-65°C to 150°C
Power Dissipation ,PD @ TA=25°C
SOT-23 ---------------------------------------------------------------------------------------
0.4W
SOT-89 ---------------------------------------------------------------------------------------
0.57W
Package Thermal Resistance
SOT-23,θJA ---------------------------------------------------------------------------------
250°C/W
SOT-89,θJA ---------------------------------------------------------------------------------
175°C/W
ESD Rating
Human Body Mode -------------------------------------------------------------------------
2kV
Electrical Characteristics
VIN=VOUT+1V,CIN=1uF,COUT=1uF(Ceramic),TA=25℃,Unless otherwise specified.
EUP7180
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Input Voltage
2.3
5.5
V
∆VOUT Output Voltage Accuracy
IOUT=1mA
-3
3
%
IOUTMAX Output Current
150
mA
VLDR
Load Regulation
1mA
≤ IOUT ≤ 100mA
10
25
mV
VDROP1
IOUT=30mA
70
140
VDROP2
Dropout Voltage (Note1)
IOUT=100mA
230
400
mV
No Load
1
1.7
IQ
Ground Current
IOUT=150mA
2.5
µA
VLNR
Line Regulation
VIN=(VOUT+1V) to 5.5V, IOUT=1mA
0.06
0.2
%/V
TCOUT VOUT Temp. Coeff.
IOUT=1mA,TA=-40℃ to 85℃
70
ppm/℃
Ishort
Short Circuit Current
VOUT=GND
100
mA
Note 1: Dropout is defined as VIN-VOUT when VOUT is 2% below the value of VOUT for VIN=VOUT+1V. This characteristics is
suitable for VOUT 2.3V.


Similar Part No. - EUP7180-25VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-18VIR1 EUTECH-EUP7182-18VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-25VIR1 EUTECH-EUP7182-25VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-28VIR1 EUTECH-EUP7182-28VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7182-30VIR1 EUTECH-EUP7182-30VIR1 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
More results

Similar Description - EUP7180-25VIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com