Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7522-3.3DIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP7522-3.3DIR1
Description  Dual, 600mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7522-3.3DIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP7522-3.3DIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7522-3.3DIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary
EUP7522
DS7522 Ver 0.5 March. 2006
1
Dual, 600mA LDO Regulator
DESCRIPTION
The EUP7522 is an efficient, precise dual-channel CMOS
LDO regulator with very-low dropout voltage and low
ground current. Both regulator outputs are capable of
sourcing 600mA of output current.
The EUP7522’s performance is optimized for CD/DVD
-ROM, CD/RW or wireless communication supply
applications, The EUP7522 regulators are stable with
output capacitors as low as 2.2 μF. Key features include
current limit, thermal shutdown, fast transient response,
high output accuracy, and high ripple rejection ratio.
The EUP7522 regulator is available in a fixed 3.3V/2.5V
output voltage configuration.
FEATURES
Low Quiescent Current (Typically 130μA)
Guaranteed 600mA Output Current
Low Dropout Voltage:600mV at 600mA
Wide Operating Voltage Ranges : 2.5V to 5.5V
Ultra-Fast Transient Response
Tight Load and Line Regulation
Current Limiting Protection
Thermal Shutdown Protection
Only low-ESR Ceramic Capacitors Required for
Stability
Available in SOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
CD/DVD-ROM, CD/RW
Wireless LAN Card/Keyboard/Mouse
Battery-Powered Equipment
XDSL Router
Typical Application Circuit
Figure 1.


Similar Part No. - EUP7522-3.3DIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
EUP7559-1.5JIR1 EUTECH-EUP7559-1.5JIR1 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
EUP7559-1.85JIR1 EUTECH-EUP7559-1.85JIR1 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
EUP7559-1.8JIR1 EUTECH-EUP7559-1.8JIR1 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
EUP7559-2.5JIR1 EUTECH-EUP7559-2.5JIR1 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
More results

Similar Description - EUP7522-3.3DIR1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_16 Datasheet
67Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230_09 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
   600mA,Ultra-low Noise LDO Regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com