Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7559-1.8JIR1 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUP7559-1.8JIR1
Description  Low Noise Dual 300mA LDO with Independent Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7559-1.8JIR1 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUP7559-1.8JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7559-1.8JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EUP7559
DS7559 Ver 1.0 May. 2007
3
Pin Configurations
Package Type
Pin
Configurations
TDFN-8
Pin Description
PIN
Pin
DESCRIPTION
INA
1
LDO A Regulator Input. Connect to INB. Input voltage can range from 2.5V to 6V. Bypass
INA with a ceramic capacitor to GND.
ENA
2
Shutdown A Input. A logic-low on ENA shuts down regulator A. If ENA and ENB are both
low, both regulators and the internal reference are off and the supply current is reduced to
10nA (typ). If either ENA or ENB is a logic high, the internal reference is on. Connect
ENA to INA for always-on operation of regulator A.
ENB
3
Shutdown B Input. A logic-low on ENB shuts down regulator B. If ENA and ENB are both
low, both regulators and the internal reference are off and the supply current is reduced to
10nA (typ). If either ENA or ENB is a logic high, the internal reference is on. Connect
ENB to INB for always-on operation of regulator B.
INB
4
LDO B Regulator Input. Connect to INA. Input voltage can range from 2.5V to 6V. Bypass
INB with a ceramic capacitor to GND.
OUTB
5
Regulator B Output. OUTB can source up to 300mA continuous current. Bypass OUTB
with a ceramic capacitor to GND. During shutdown, OUTB is internally discharged to
GND through a 300Ω. resistor.
GND
6
Ground.
BP
7
Reference Noise Bypass. Bypass BP with a low-leakage 0.01µF ceramic capacitor for
reduced noise at both outputs.
OUTA
8
Regulator A Output. OUTA can source up to 300mA continuous current. Bypass OUTA
with a ceramic capacitor to GND. During shutdown, OUTA is internally discharged to
GND through a 300Ω. resistor.


Similar Part No. - EUP7559-1.8JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-2.5DIR0 EUTECH-EUP7522-2.5DIR0 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-2.5DIR1 EUTECH-EUP7522-2.5DIR1 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-3.3DIR0 EUTECH-EUP7522-3.3DIR0 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
EUP7522-3.3DIR1 EUTECH-EUP7522-3.3DIR1 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
More results

Similar Description - EUP7559-1.8JIR1

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559 Datasheet
266Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Rev 0; 1/04
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
Mitsumi Electronics, Co...
MM3608 MITSUMI-MM3608 Datasheet
337Kb / 16P
   300mA LDO with thermal shutdown
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com