Electronic Components Datasheet Search |
|
EUP7559-2.85JIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc |
|
EUP7559-2.85JIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc |
1 / 10 page EUP7559 DS7559 Ver 1.0 May. 2007 1 Low Noise Dual 300mA LDO with Independent Shutdown DESCRIPTION The EUP7559 is a dual low dropout linear regulator capable of sourcing 300mA current per regulator. The EUP7559 is stable with small ceramic output capacitors. The performance of EUP7559 is optimized for battery power systems to deliver low noise, low dropout voltage, low quiescent current and excellent line and load transient response. The EUP7559 is available in fixed output voltages in the 8-pin 3mm×3mm TDFN leadless package. Typical Application FEATURES Input Voltage Range: 2.5V to 6V 300mA Output Current per LDO Low Dropout Voltage of 55mV@100mA Low Quiescent Current of 115µA per LDO High PSRR 70dB at 1kHz Low Output Noise Thermal Shutdown Protection Current Limit Protection Separate Enable pin per LDO Stable with Ceramic Output Capacitor 1.5V to 3.3V Pre-set Output 3mm×3mm TDFN-8 Package RoHS Compliant and 100% Lead (Pb)-Free APPLICATIONS Cellular Phones PDAs and Palmtop Computers Wireless LAN Cards Hand-Held Instruments |
Similar Part No. - EUP7559-2.85JIR1 |
|
Similar Description - EUP7559-2.85JIR1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |