Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7962-33KAIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7962-33KAIR1
Description  2A Ultra Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7962-33KAIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7962-33KAIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 13Page - Eutech Microelectronics Inc EUP7962-33KAIR1 Datasheet HTML 14Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
EUP7962
DS7962 Ver 1.4 Oct. 2007
10
Power Dissipation
EUP7962 can deliver a continuous current of 2A over the
full operating temperature range. A heatsink may be
required depending on the maximum power dissipation
and maximum ambient temperature of the application.
Under all possible conditions, the junction temperature
must be within the range specified under operating
conditions. The total power dissipation of the device is
given by:
(
)
( )
GND
I
IN
V
OUT
I
OUT
V
IN
V
D
P
+
=
Where IGND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable temperature rise (TRmax)
depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction
temperature (TJmax):
TRmax= TJmax-TAmax
The maximum allowable value for junction to ambient
Thermal Resistance, θJA , can be calculated using the
formula:
θJA =TRmax/PD
PCB Layout
Good PC layout practices must be used or instability can
be induced because of ground loops and voltages drops.
The input and output capacitors must be directly
connected to the input, output, and ground pins of the
regulator using traces which do not have other currents
flowing in them.
The best way to do this is to lay out CIN and COUT near
the device with short traces to the VIN, VOUT, and ground
pins. The regulator ground pin should be connected to
the external circuit ground so that the regulator and its
capacitors have a “single point ground”.
It should be noted that stability problems have been seen
in applications where “vias” to an internal ground plane
were used at the ground points of the IC and the input
and output capacitors. This was caused by varying
ground potentials at these nodes resulting from current
flowing through the ground plane. Using a single point
ground technique for the regulator and it’s capacitors
fixed the problem.
Since high current flows through the traces going into
VIN and coming from VOUT, Kelvin connect the capacitor
leads to these pins so there is no voltage drop in series
with the input and output capacitors.


Similar Part No. - EUP7962-33KAIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7962-33KAIR1

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com