Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7962-15KBIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP7962-15KBIR1
Description  2A Ultra Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7962-15KBIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP7962-15KBIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7962-15KBIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EUP7962
DS7962 Ver 1.4 Oct. 2007
6
Electrical Characteristics
Limits in standard typeface are for TJ =25°C. Unless otherwise specified: VIN= VOUT(nom) +1V, IL=10mA,COUT=10µF
EUP7962
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VIH
Output = High
1.4
VIL
Enable Threshold
Output = Low
0.3
V
TdOFF
Turn-off delay
IL = 2A
15
TdON
Turn-on delay
IL = 2A
20
µs
IEN
VEN Pin Input Current
VEN=VIN
0.1
1
µA
ERROR Flag
VT
Threshold
8
10
12
%
VTH
Threshold Hysteresis
3
5
7
%
VEF(Sat)
ERROR Flag Saturation
ISINK=100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
IIK
ERROR Flag Pin Leakage
Current
1
nA
Imax
ERROR Flag Pin Sink
Current
VError=0.5V
3
mA
AC Parameters
PSRR
Ripple Rejection
VIN=VOUT+1V
COUT=10uF
VOUT=3.3V, f=120Hz
56
dB
en
Output Noise Voltage
BW=10Hz -100kHz
VOUT=2.5V
150
µV(rms)
Over Temperature Protection
TSH(t)
Shutdown Threshold
150
°C
TSH(h)
Thermal Shutdown
Hysteresis
15
°C


Similar Part No. - EUP7962-15KBIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7962-15KBIR1

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com