Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1441 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1441
Description  Ultralow Power Single/Dual Comparator with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1441 Datasheet(HTML) 1 Page - Linear Technology

  LTC1441 Datasheet HTML 1Page - Linear Technology LTC1441 Datasheet HTML 2Page - Linear Technology LTC1441 Datasheet HTML 3Page - Linear Technology LTC1441 Datasheet HTML 4Page - Linear Technology LTC1441 Datasheet HTML 5Page - Linear Technology LTC1441 Datasheet HTML 6Page - Linear Technology LTC1441 Datasheet HTML 7Page - Linear Technology LTC1441 Datasheet HTML 8Page - Linear Technology LTC1441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1440/LTC1441/LTC1442
144012fc
APPLICATIO S
Ultralow Power Single/Dual
Comparator with Reference
V +
R1
1.65M
1%
R2
1.13M
1%
3.3V
V
21
7
8
GND
OUT
LTC1440
1440 TA01
IN+
IN
HYST
REF
3
4
5
6
+
TEMPERATURE (
°C)
–40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
20
60
1440/1/2 TA02
–20
0
40
80
100
V+ = 5V
V= GND = 0V
Micropower 2.9V VCC Threshold Detector
LTC1440 Supply Current vs Temperature
The LTC
®1440/LTC1441/LTC1442 are ultralow power
single and dual comparators with built-in references. The
comparators feature less than 3.7
µA supply current over
temperature (LTC1440), a 1.182V
±1% reference, pro-
grammable hysteresis (LTC1440/LTC1442) and TTL/CMOS
outputs that sink and source current. The reference output
can drive a bypass capacitor of up to 0.01
µF without
oscillation.
The comparators operate from a single 2V to 11V supply
or a dual
±1V to ±5.5V supply (LTC1440). Comparator
hysteresis is easily programmed by using two resistors
and the HYST pin (LTC1440/LTC1442). Each comparator’s
input operates from the negative supply to within 1.3V of
the positive supply. The comparator output stage can
continuously source up to 40mA. By eliminating the
cross-conducting current that normally happens when the
comparator changes logic states, the power supply glitches
are eliminated.
The LTC1440 is available in 8-pin PDIP, SO, MSOP and
DFN packages. The LTC1441/LTC1442 are available in
8-pin PDIP and SO packages.
Battery-Powered System Monitoring
Threshold Detectors
Window Comparators
Oscillator Circuits
Ultralow Quiescent Current: 2.1
µA Typ (LTC1440)
Reference Output Drives 0.01
µF Capacitor
Adjustable Hysteresis (LTC1440/LTC1442)
Wide Supply Range:
Single: 2V to 11V
Dual:
±1V to ±5.5V
Input Voltage Range Includes the Negative Supply
TTL/CMOS Compatible Outputs
12
µs Propagation Delay with 10mV Overdrive
No Crowbar Current
40mA Continuous Source Current
Pin Compatible Upgrades for MAX921/922/923
3mm x 3mm x 0.75mm DFN Package (LTC1440)
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1441

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1441 LINER-LTC1441 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1441 LINER-LTC1441 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441CN8 LINER-LTC1441CN8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results

Similar Description - LTC1441

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com