Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDJ-65609EV-40 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MMDJ-65609EV-40
Description  Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MMDJ-65609EV-40 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MMDJ-65609EV-40 Datasheet HTML 2Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 3Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 4Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 5Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 6Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 7Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 8Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 9Page - ATMEL Corporation MMDJ-65609EV-40 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
M65609E
4158D–AERO–06/02
Write Cycle
Note:
1. Parameters guaranteed, not tested, with 5 pF output loading (see Section “AC Test Conditions” Figure 2).
Read Cycle
Note:
1. Parameters guaranteed, not tested, with 5 pF output loading (seeSection “AC Test Conditions” Figure 2).
Symbol
Parameter
65609E-40
Unit
Value
tAVAW
Write cycle time
35
ns
min
t
AVWL
Address set-up time
0
ns
min
tAVWH
Address valid to end of write
28
ns
min
t
DVWH
Data set-up time
28
ns
min
t
E1LWH
CS
1 low to write end
28
ns
min
tE2HWH
CS2 high to write end
28
ns
min
t
WLQZ
Write low to high Z
(1)
15
ns
max
t
WLWH
Write pulse width
28
ns
min
tWHAX
Address hold from to end of
write
+3
ns
min
tWHDX
Data hold time
0
ns
min
t
WHQX
Writehightolow Z
(1)
0ns
min
Symbol
Parameter
65609E-40
Unit
Value
t
AVAV
Read cycle time
40
ns
min
tAVQV
Address access time
40
ns
max
tAVQX
Address valid to low Z
3
ns
min
tE1LQV
Chip-select
1 access
time
40
ns
max
t
E1LQX
CS
1 low to low Z
(1)
3ns
min
tE1HQZ
CS1 high to high Z
(1)
15
ns
max
tE2HQV
Chip-select2 access
time
40
ns
max
t
E2HQX
CS
2 high to low Z
(1)
3ns
min
tE2LQZ
CS2 low to high Z
(1)
15
ns
max
tGLQV
Output Enable access
time
12
ns
max
tGLQX
OE low to low Z
(1)
0ns
min
t
GHQZ
OE high to high Z
(1)
10
ns
max


Similar Part No. - MMDJ-65609EV-40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MMDJ-65609EV-40-E ATMEL-MMDJ-65609EV-40-E Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results

Similar Description - MMDJ-65609EV-40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com