Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7963-33KAIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7963-33KAIR1
Description  3A Ultra Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7963-33KAIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7963-33KAIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc EUP7963-33KAIR1 Datasheet HTML 13Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EUP7963
DS7963 Ver 1.4 Oct. 2007
10
Packaging Information
TO263-3
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
C2
1.14
1.65
0.045
0.065
b
0.51
1.00
0.020
0.039
b1
1.14
1.40
0.045
0.055
D
8.38
9.65
0.330
0.380
E
9.65
10.67
0.380
0.420
e
2.54
0.100
H
14.60
15.88
0.575
0.625
L2
-
1.78
-
0.070
L
1.78
2.80
0.070
0.110
L1
-
1.68
-
0.066
D1
6.86
-
0.270
-
E1
6.22
-
0.245
-


Similar Part No. - EUP7963-33KAIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7963-33KAIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com