Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7966-12DIR1 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUP7966-12DIR1
Description  2A Low-Dropout Regulator with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7966-12DIR1 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

Back Button EUP7966-12DIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7966-12DIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EUP7966
DS7966 Ver1.0 Aug. 2006
7
1.51.8
2.12.4
2.73.0
3.33.6
0.0
0.3
0.6
0.9
1.2
1.5
Input Voltage (V)
Quiescent Current vs. Input Voltage
-40
-20
0
20
40
60
80
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Temperature (
oC)
Quiescent Current vs. Temperature
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
0.0
0.2
0.4
0.6
0.8
1.0
VBIAS Current vs. Input Voltage
Input Voltage (V)
-40
-20
0
20
40
60
80
100
0.00
0.25
0.50
0.75
1.00
Temperature (
oC)
VBIAS Current vs. Temperature
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
1.176
1.184
1.192
1.200
1.208
1.216
1.224
Output Voltage vs. Input Voltage
Input Voltage (V)
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
1.176
1.184
1.192
1.200
1.208
1.216
1.224
Output Voltage vs. Output Current
Output Current (A)
Typical Operating Characteristics
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.


Similar Part No. - EUP7966-12DIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7966-12DIR1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com