Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6352 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6352
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6352 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6352 Datasheet HTML 1Page - Maxim Integrated Products MAX6352 Datasheet HTML 2Page - Maxim Integrated Products MAX6352 Datasheet HTML 3Page - Maxim Integrated Products MAX6352 Datasheet HTML 4Page - Maxim Integrated Products MAX6352 Datasheet HTML 5Page - Maxim Integrated Products MAX6352 Datasheet HTML 6Page - Maxim Integrated Products MAX6352 Datasheet HTML 7Page - Maxim Integrated Products MAX6352 Datasheet HTML 8Page - Maxim Integrated Products MAX6352 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2 to GND .................................................-0.3V to +6V
RST (MAX6352/MAX6355/MAX6358)...................... -0.3V to +6V
RST, MR, WDI, RST1, RSTIN (MAX6351/MAX6353/
MAX6356/MAX6359) ..............................-0.3V to (VCC1 + 0.3V)
RST, RST2 (MAX6351/MAX6354/
MAX6357/MAX6360) ..............................-0.3V to (VCC2 + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............695mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ELECTRICAL CHARACTERISTICS
(VCC1 = VCC2 = +1.2V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
Supply Voltage
VCC1,
VCC2
TA = -40°C to +85°C
1.2
5.5
V
Supply Current
ICC1 +
ICC2
VCC1 = 5.5V, VCC2 = 3.6V, all I/O pins open
20
50
µA
TA = +25°C
4.54
4.63
4.72
MAX63_ _L_
TA = -40°C to +85°C
4.5
4.75
TA = +25°C
4.3
4.38
4.46
MAX63_ _M_
TA = -40°C to +85°C
4.25
4.50
TA = +25°C
3.03
3.08
3.14
MAX63_ _T_
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.88
2.93
2.98
MAX63_ _S_
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.74
2.78
2.82
MAX63_ _U_
TA = -40°C to +85°C
2.70
2.85
TA = +25°C
2.58
2.63
2.68
VCC1 Threshold (Note 3)
VTH1
MAX63_ _R_
TA = -40°C to +85°C
2.55
2.70
V
TA = +25°C
3.03
3.08
3.14
MAX63_ _ _T
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.88
2.93
2.98
MAX63_ _ _S
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.58
2.63
2.68
MAX63_ _ _R
TA = -40°C to +85°C
2.55
2.70
TA = +25°C
2.28
2.32
2.35
MAX63_ _ _Z
TA = -40°C to +85°C
2.25
2.38
TA = +25°C
2.16
2.19
2.22
MAX63_ _ _Y
TA = -40°C to +85°C
2.13
2.25
TA = +25°C
1.64
1.67
1.70
MAX63_ _ _W
TA = -40°C to +85°C
1.62
1.71
TA = +25°C
1.55
1.58
1.61
VCC2 Threshold (Note 3)
VTH2
MAX63_ _ _V
TA = -40°C to +85°C
1.53
1.62
V


Similar Part No. - MAX6352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6352 MAXIM-MAX6352 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6352LRUK-T MAXIM-MAX6352LRUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6352LRUT-T MAXIM-MAX6352LRUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6352LSUK-T MAXIM-MAX6352LSUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6352LSUT-T MAXIM-MAX6352LSUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results

Similar Description - MAX6352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com