Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7201-2.8JIR1 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part # EUP7201-2.8JIR1
Description  Dual ,Low-Noise,150mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7201-2.8JIR1 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

  EUP7201-2.8JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7201-2.8JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EUP7201
DS7201 Ver 1.5 Oct. 2007
5
Absolute Maximum Ratings
Supply Input Voltage --------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA =25℃
SOT23-6 ------------------------------------------------------------------------------------------------------ 0.4W
Package Thermal Resistance
SOT23-6, θJA ------------------------------------------------------------------------------------------------- 250°C/W
Lead Temperature (Soldering,10 sec .) -------------------------------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------------------------------- -65°C to 150°C
ESD Rating
HBM ---------------------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
Supply Input Voltage ----------------------------------------------------------------------------------------- 2.5V to 5.5V
Enable Input Voltage ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------- -40°C to 125°C
Electrical Characteristics
VIN= (VOUT+0.5V) or VIN=2.5V whichever is greater, CIN =COUT=1µF , EN1=EN2= VIN. TA=25°C.
Unless otherwise noted
EUP7201
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
IL=30mA
-2
2
VOUT
Output voltage
IL=30mA, TA=-40°C~85°C.
-3
3
%
IMAX
Maximum Output Current
Continuous ,TA=-40°C~85°C.
150
mA
ILIM
Current Limit
Output Grounded (Steady State)
180
300
mA
No Load (Both LDOs)
110
180
µA
IG
Quiescent Current
IOUT=150mA (Both LDOs)
260
µA
IOUT=30mA
30
mV
VDROP Dropout Voltage
IOUT=100mA, TA=-40°C~85°C.
80
220
mV
Δ
VOUT Load Regulation
1mA< IOUT < 150mA
13
60
mV
Δ
VLINE Line Regulation
VIN=VOUT+0.5V to 5.5V
IOUT=1mA
0.02
0.2
%/V
VIH
EN Input High Threshold
VIN=2.5V to 5.5V, TA=-40°C~85°C.
1.6
V
VIL
EN Input Low Threshold
VIN=2.5V to 5.5V, TA=-40°C~85°C.
0.4
V
ISD
EN Input Bias Current
EN=GND or VIN
0.1
µA
IGSD
Shutdown Supply Current
EN1=EN2=GND
0.01
1
µA
TSD
Thermal Shutdown Temperature
155
Δ
TSD Thermal Shutdown Hysteresis
15
PSRR Ripple Rejection Rate
VIN=(VOUT+1V) DC+0.5V p-p AC
IOUT=1mA, f=1kHz
60
dB


Similar Part No. - EUP7201-2.8JIR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR0 ETC1-EUP7211-1.5/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.5/2.8JIR1 ETC1-EUP7211-1.5/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR0 ETC1-EUP7211-1.8/2.8JIR0 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
EUP7211-1.8/2.8JIR1 ETC1-EUP7211-1.8/2.8JIR1 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
More results

Similar Description - EUP7201-2.8JIR1

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com