Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7961-15DIR1 Datasheet(PDF) 8 Page - Eutech Microelectronics Inc

Part # EUP7961-15DIR1
Description  1A Ultra Low-Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7961-15DIR1 Datasheet(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP7961-15DIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7961-15DIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EUP7961
DS7961 Ver 1.2 Dec. 2006
8
Application Note
External Capacitors
Like any low-dropout regulator, the EUP7961 requires
external capacitors for regulator stability. These
capacitors must be correctly selected for good
performance.
Input Capacitor
An input capacitance of 1µF is required between the
EUP7961 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more
than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or
film capacitor may be used at the input.
If a tantalum capacitor is used at the input, it must be
guaranteed by the manufacturer to have a surge current
rating sufficient for the application.
There are no requirements for the ESR on the input
capacitor, but tolerance and temperature coefficient must
be considered when selecting the capacitor to ensure the
capacitance will be 1µF over the entire operating
temperature range.
Output Capacitor
The EUP7961 is designed specifically to work with very
small ceramic output capacitors. A ceramic capacitor
(temperature characteristics X7R, X5R, Z5U, or Y5V) in
4.7 to 22µF range with 5mΩ to 200mΩ ESR range is
suitable in the EUP7961 application circuit.
The output capacitor must meet the requirement for
minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a
stable range (5mΩ to 200mΩ)
No-Load Stability
The EUP7961 will remain stable and in regulation with
no external load. This is specially important in CMOS
RAM keep-alive applications.
On/Off Input Operation
The EUP7961 is turned off by pulling the VEN pin low,
and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator
output on at all time. To assure proper operation, the
signal source used to drive the VEN input must be able
to swing above and below the specified turn-on/off
voltage thresholds listed in the Electrical Characteristics
section under VIL and VIH.
ERROR Flag Operation
The EUP7961 produces a logic low signal at the
ERROR Flag pin when the output drops out of
regulation due to low input voltage, current limiting, or
thermal limiting. This flag has a built in hysteresis.
The internal ERROR flag comparator has an open drain
output stage. Hence, the ERROR pin should be pulled
high through a pull up resistor. The ERROR pin must be
connected to ground if this function is not used. It should
also be noted that when the shutdown pin is pulled low,
the ERROR pin is forced to be invalid for reasons of
saving power in shutdown mode.
Adjustable Operation
The adjustable version of the EUP7961 has an output
voltage range of 0.8V to 4.5V. The output voltage of the
EUP7961 adjustable regulator is programmed using an
external resistor divider as shown in Figure3. The output
voltage is calculated using:
Where:
Vref= 0.8V typ. (the internal reference voltage)
Utilize the following equation for adjusting the output to
a particular voltage:
Choose R2=50k to optimize accuracy, power supply
rejection, noise and power consumption.
)
R
R
(1
V
V
2
1
ref
O
+
×
=
=
1
0.8V
V
R
P
O
2
I


Similar Part No. - EUP7961-15DIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961-15DIR1 EUTECH-EUP7961-15DIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7961-15DIR1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com