Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7968-18VIR1 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUP7968-18VIR1
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7968-18VIR1 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

  EUP7968-18VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7968-18VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EUP7968
DS7968 Ver1.3 Sep. 2007
7
Application Information
External Capacitors
Like any low-dropout regulator, the EUP7968 requires
external capacitors for regulator stability. The EUP7968
is specifically designed for portable applications
requiring minimum board space and smallest components.
These capacitors must be correctly selected for good
performance.
Input Capacitor
A minimum input capacitance of 1µF is required between
the EUP7968 input pin and ground (the amount of the
capacitance may be increased without limit).This
capacitor must be located a distance of not more than
1cm from the input pin and returned to a clean analog
ground.
Any good quality ceramic, tantalum, or film capacitor
may be used at the input. If a tantalum capacitor is used
at the input, it must be guaranteed by the manufacturer to
have a surge current rating sufficient for the application.
Output Capacitance
The EUP7968 is specifically designed to employ ceramic
output capacitors as low as 2.2µF. Ceramic capacitors
below 10µF offer significant cost and space savings,
along with high frequency noise filtering. Higher values
and other types and of capacitor may be used, but their
equivalent series resistance (ESR) should be maintained
below 0.5Ω. Ceramic capacitor of the value required by
the EUP7968 are available in the following dielectric
types: Z5U, Y5V, X5R, and X7R. The Z5U and Y5V
types exhibit a 50% or more drop in capacitance value as
their temperature increase from 25°C, an important
consideration. The X5R generally maintain their
capacitance value within ± 20%. The X7R type are
desirable for their tighter tolerance of 10% over
temperature.


Similar Part No. - EUP7968-18VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7968-18VIR1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com