Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7965VIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP7965VIR1
Description  150mA Low-Noise Low-Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7965VIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP7965VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7965VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EUP7965
DS7965 Ver1.5 March. 2006
6
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for VIN= VOUT(nom) +0.5V, CIN=1µF, IOUT=1mA, COUT=1µF,
CBYPASS=0.01µF. Typical values and limits appearing in standard typeface are for TJ= 25°C.
EUP7965
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
ISC
Short Circuit Current Limit
Output Grounded (Steady State)
600
mA
TON
Turn-On Time
CBYPASS = 0.01µF
150
µs
en
Output Noise Voltage
BW = 10Hz to 100kHz,
COUT = 1µF
50
µVrms
IEN
Maximum Input Current at
EN
VEN = 0.4 and VIN = 5.5
±1
nA
VIL
Maximum Low Level Input
Voltage at EN
VIN = 2.5 to 5.5V
0.4
V
VIH
Minimum High Level Input
Voltage at EN
VIN = 2.5 to 5.5V
1.4
V
Thermal Shutdown
Temperature
160
°C
TSD
Thermal Shutdown
Hysteresis
20
°C


Similar Part No. - EUP7965VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961-15CIR1 EUTECH-EUP7961-15CIR1 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7965VIR1

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com