Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7982-18MIR0 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP7982-18MIR0
Description  300mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7982-18MIR0 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP7982-18MIR0 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7982-18MIR0 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EUP7982
DS7982 Ver 1.4 May.2005
9
Adjustable Operation
The adjustable version of the EUP7982 has an output
voltage range of 1.25V to 6V. The output voltage of the
EUP7982 adjustable regulator is programmed using an
external resistor divider as shown in Figure3. The output
voltage is calculated using:
Where:
Vref=1.23V typ. (the internal reference voltage)
Utilize the following equation for adjusting the output to
a particular voltage:
=
1
1.23V
V
R
P
O
2
I
Choose R2=100k to optimize accuracy, power supply
rejection, noise and power consumption.
In order to improve the stability of the adjustable version,
it is suggested that a small compensation capacitor C1 be
placed between OUT and SET
Figure3. Adjustable LDO Regulator Programming
Fault Detection
The EUP7982 provides a FAULT pin that goes low
during out of regulation conditions like current limit and
thermal shutdown, or when it approaches dropout. The
latter monitors the input-to-output voltage differential
and compares it against a threshold that is slightly above
the dropout voltage. This threshold also tracks the
dropout voltage as it varies with load current. Refer to
Fault Detect vs. Load Current curve in the typical
characteristics section.
The FAULT pin requires a pull-up resistor since it is an
open-drain output. This resistor should be large in value
to reduce energy drain. A100kΩ pull-up resistor works
well for most applications.
Shutdown
The EUP7982 goes into sleep mode when the SHDN pin
is in a logic low condition. During this condition, the
pass transistor, error amplifier, and bandgap are turned
off, reducing the supply current to 60nA typical. The
SHDN
pin may be directly tied to VIN to keep the part
on.
Fast Start-up
The EUP7982 provides fast start-up time for better
system efficiency. The start-up speed is maintained when
using the optional noise bypass capacitor.
)
R
R
(1
V
V
2
1
ref
O
+
×
=


Similar Part No. - EUP7982-18MIR0

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-15NIR1 EUTECH-EUP7981-15NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-185NIR1 EUTECH-EUP7981-185NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-18NIR1 EUTECH-EUP7981-18NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-25NIR1 EUTECH-EUP7981-25NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
More results

Similar Description - EUP7982-18MIR0

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com