Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP8020X Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP8020X
Description  Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8020X Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP8020X Datasheet HTML 1Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 2Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 3Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 4Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8020X Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EUP8020X
DS8020X Ver 1.1 June 2006
1
Dual Source AC/USB Li-Ion/Polymer
Charger IC for Portable Applications
DESCRIPTION
The EUP8020X series are highly integrated single cell
Li-Ion/Polymer battery charger IC designed for handheld
devices. The EUP8020X accepts two power inputs,
normally one from a USB port and another one from
AC-adaptor. The EUP8020X automatically selects the
USB-Port or the AC-adapter as the power source for the
system. In the USB configuration, the host can select from
the two preset charge rates of 100 mA and 500 mA. In the
AC−adapter configuration an external resistor sets the
magnitude of the charge current, which may be
programmed up to 1A.
The EUP8020X charges the battery in three phases:
conditioning, constant current, and constant voltage.
Charge is terminated based on minimum current. An
internal charge timer provides a backup safety for charge
termination. The EUP8020X automatically re-starts the
charge if the battery voltage falls below an internal
threshold. The EUP8020X also automatically enters sleep
mode when both supplies are removed. No external sense
resistor or blocking diode is required for charging.
The EUP8020X integrates internal power FET , current
sensor, charge status and reverse current protection in a
single monolithic devices.
Typical Application Circuit
FEATURES
Charges Single Cell Li-Ion/Polymer from Either
AC Adapter or USB With Autonomous
Power-Source Selection
Integrated Power FET and Current Sensor for Up
to 1A Charge Applications From AC Adapter
Integrated USB Control With Selectable
100 mA and 500 mA Charge Rates
Precharge Conditioning With Safety Timer
Power Good (AC Adapter Present) Status Output
Optional Battery Temperature Monitoring Before
and During Charge
Automatic Sleep Mode for Low-Power
Consumption
Available in TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Smartphones
Digital Cameras
PDAs/ MP3 Players
Other Battery-Powered Devices
Figure 1. EUP8020A


Similar Part No. - EUP8020X

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8010A-JIR1 EUTECH-EUP8010A-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010B-JIR1 EUTECH-EUP8010B-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010C-JIR1 EUTECH-EUP8010C-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010D-JIR1 EUTECH-EUP8010D-JIR1 Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8010X EUTECH-EUP8010X Datasheet
292Kb / 12P
   Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
More results

Similar Description - EUP8020X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
National Semiconductor ...
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com