Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP8010B-JIR1 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUP8010B-JIR1
Description  Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8010B-JIR1 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

Back Button EUP8010B-JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP8010B-JIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EUP8010X
DS8010X Ver 1.2 June 2007
7
EUP8010X
Parameter
Conditions
Min.
Typ.
Max.
Unit
Charge Enable ( CE ), Timer and Termination Enable ( TTE ) Inputs
Low-level input voltage, VIL
IIL = 10 µA
0
0.4
High-level input voltage, VIH
IIL = 20 µA
1.4
V
CE
or TTE low-level input current, IIL
-1
CE
or TTE high-level input current, IIH
1
µA
Timers
Precharge time, t(PRECHG)
1,650
1,940
2,230
Taper time, t(TAPER)
8010A,8010B,8010C,8010D
1,650
1,940
2,230
Charge time, t(CHG)
8010A,8010B,8010C,8010D
16,500
19,400
22,300
s
Timer fault recovery current, I(FAULT)
200
µA
Sleep Comparator
Sleep-mode entry threshold voltage,
V(SLP)
2.3 V
V
I(BAT) VO(REG)
VCC VI(BAT)
+100 mV
Sleep mode exit threshold voltage,
V(SLPEXIT)
2.3 V
V
I(BAT) VO(REG)
VCC VI(BAT)
+190mV
V
Sleep mode deglitch time
250
375
500
ms
Thermal Shutdown Thresholds
Thermal trip threshold, T(SHTDWN)
165
Thermal hysteresis
30
°C
Undervoltage Lockout
Undervoltage lockout V(UVLO)
Decreasing VCC
2.2
2.4
2.6
V
Hysteresis
20
mV


Similar Part No. - EUP8010B-JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8020A-JIR1 EUTECH-EUP8020A-JIR1 Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
EUP8020B-JIR1 EUTECH-EUP8020B-JIR1 Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
EUP8020C-JIR1 EUTECH-EUP8020C-JIR1 Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
EUP8020D-JIR1 EUTECH-EUP8020D-JIR1 Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
EUP8020E-JIR1 EUTECH-EUP8020E-JIR1 Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
More results

Similar Description - EUP8010B-JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8095 EUTECH-EUP8095 Datasheet
129Kb / 1P
   1.5A Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
EUP8092 EUTECH-EUP8092 Datasheet
877Kb / 15P
   1.5A Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
logo
Torex Semiconductor
XC6805 TOREX-XC6805 Datasheet
428Kb / 27P
   One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
XC6803 TOREX-XC6803 Datasheet
408Kb / 25P
   One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com