Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7982-30MIR1 Datasheet(PDF) 8 Page - Eutech Microelectronics Inc

Part # EUP7982-30MIR1
Description  300mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7982-30MIR1 Datasheet(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP7982-30MIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7982-30MIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EUP7982
DS7982 Ver 1.4 May.2005
8
Application Information
External Capacitors
Like any low-dropout regulator, the EUP7982 requires
external capacitors for regulator stability. The EUP7982
is specifically designed for portable applications
requiring minimum board space and smallest components.
These capacitors must be correctly selected for good
performance.
Input Capacitor
A minimum input capacitance of 1µF is required between
the EUP7982 input pin and ground (the amount of the
capacitance may be increased without limit).This
capacitor must be located a distance of not more than
1cm from the input pin and returned to a clean analog
ground.
1µF ceramic capacitor are fine for most end use
applications. If a tantalum capacitor is used at the input,
it must be guaranteed by the manufacturer to have asurge
current rating sufficient for the application.
No-Load Stability
The EUP7982 will remain stable and in regulation with
no external load. This is specially important in CMOS
RAM keep-alive applications.
Output Capacitance
The EUP7982 is specifically designed to employ ceramic
output capacitors as low as 2.2µF. Ceramic capacitors
below 10µF offer significant cost and space savings,
along with high frequency noise filtering. Higher values
and other types and of capacitor may be used, but their
equivalent series resistance (ESR) should be maintained
below 0.5Ω. Ceramic capacitor of the value required by
the EUP7982 are available in the following dielectric
types: Z5U, Y5V, X5R, and X7R. The Z5U and Y5V
types exhibit a 50% or more drop in capacitance value as
their temperature increase from 25°C, an important
consideration. The X5R generally maintain their
capacitance value within ± 20%. The X7R type are
desirable for their tighter tolerance of 10% over
temperature.
Noise Bypass Capacitor
Connecting a 33nF capacitor between the CBYPASS pin and
ground significantly reduces noise on the regulator output.
This cap is connected directly to a high impedance node
in the bandgap reference circuit. Any significant loading
on this node will cause a change on the regulated output
voltage. For this reason, DC leakage current through this
pin must be kept as low as possible for best output
voltage accuracy. The types of capacitors best suited for
the noise bypass capacitor are ceramic and film.
Unlike many other LDO’s , addition of a noise reduction
capacitor does not effect the load transient response of
the device. However, it does affect start-up time. The
smaller the capacitance value, the quicker the start-up
time.
Power Dissipation and Junction Temperature
Specified regulator operation is assured to a junction
temperature
of
125°C;
the
maximum
junction
temperature should be restricted to 125°C under normal
operating conditions. This restriction limits the power
dissipation the regulator can handle in any given
application. To ensure the junction temperature is within
acceptable limits, calculate the maximum allowable
dissipation, PD(max), and the actual dissipation, PD, which
must be less than or equal to PD(max)
The maximum-power-dissipation limit is determined
using the following equation:
Where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the
package
TA is the ambient temperature.
The regulator dissipation is calculated using:
PD=(VI-VO) × IO
Power dissipation resulting from quiescent current is
negligible. Excessive power dissipation triggers the
thermal protection circuit.
θJA
A
J
D(max)
R
T
max
T
P
=


Similar Part No. - EUP7982-30MIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-15NIR1 EUTECH-EUP7981-15NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-185NIR1 EUTECH-EUP7981-185NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-18NIR1 EUTECH-EUP7981-18NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-25NIR1 EUTECH-EUP7981-25NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
More results

Similar Description - EUP7982-30MIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7182 EUTECH-EUP7182 Datasheet
174Kb / 7P
   50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com