Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7987-33VIR1 Datasheet(PDF) 10 Page - Eutech Microelectronics Inc

Part # EUP7987-33VIR1
Description  300mA Low-Noise Ultra Low-Dropout CMOS Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7987-33VIR1 Datasheet(HTML) 10 Page - Eutech Microelectronics Inc

Back Button EUP7987-33VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7987-33VIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EUP7987
DS7987 Ver 1.5 May .2005
10
Packaging Information
SOT23-5
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs.
2. Tolerance ± 0.1000mm (4 mil) unless otherwise specified.
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane.
Dimension in Millimeters
Symbols
Min.
Nom
Max.
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.12
0.15
0.20
D
2.70
2.90
3.10
E
1.50
1.60
1.70
e
-----
1.90(Typ.)
-----
H
2.6
2.8
3.00
L
0.37
-----
-----
θ1
14
5
9


Similar Part No. - EUP7987-33VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-15NIR1 EUTECH-EUP7981-15NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-185NIR1 EUTECH-EUP7981-185NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-18NIR1 EUTECH-EUP7981-18NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
EUP7981-25NIR1 EUTECH-EUP7981-25NIR1 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
More results

Similar Description - EUP7987-33VIR1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
Eutech Microelectronics...
EUP7982 EUTECH-EUP7982 Datasheet
226Kb / 10P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com