Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP8057 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP8057
Description  Advanced 1A Linear Charge Management Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8057 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP8057 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP8057 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EUP8057
DS8057 Ver 1.8 Nov. 2006
6
Electrical Characteristics Over Recommended Operating Free-Air Temperature Range
EUP8057
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(SNS)
Current regulation threshold Voltage at pin SNS, relative to VCC
180
200
220
mV
Charge Termination Detection
I(TERM)
Charge termination current
detect threshold
Voltage at pin SNS, relative to VCC
0°C
T
A 50°C
5
15
25
mV
Temperature Comparator
V(TS1)
Lower temperature threshold
29
30
31
V(TS2)
Upper temperature threshold
TS pin voltage
58
60
62
%
VCC
Precharge Comparator
EUP8057-4.1
2.94
3
3.06
EUP8057-4.2
3.14
3.2
3.26
EUP8057-8.2
5.98
6.1
6.22
EUP8057-8.3
6.13
6.25
6.37
V(min)
Precharge threshold
EUP8057-8.4
6.18
6.3
6.43
V
Precharge Current Regulation
Voltage at pin SNS, relative to VCC
0°C
T
A 50°C
18
mV
I(PRECHG) Precharge current regulation
Voltage at pin SNS, relative to VCC
0°C
T
A 50°C , VCC=9V
5
33
mV
VRCH comparator(Battery Recharge Threshold)
EUP8057-4.1 and EUP8057-4.2
VO(REG)-
102mV
VO(REG)-
100mV
VO(REG)-
98mV
V(RCH)
Recharge threshold
EUP8057-8.2 ,EUP8057-8.3 and EUP8057-8.4
VO(REG)-
204mV
VO(REG)-
200mV
VO(REG)-
196mV
V
STAT Pin
VOL(STAT)
Output(low)voltage
IOL=10mA
0.7
VOH(STAT)
Output(high)voltage
IOH=5mA
VCC-0.8
V
CC Pin
VOL(CC)
Output low voltage
IO(CC)=5mA(sink)
2
V
IO(CC)
Sink current
Not to exceed power rating specification(PD)
5
40
mA


Similar Part No. - EUP8057

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051-41MIR1 EUTECH-EUP8051-41MIR1 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051-42DIR1 EUTECH-EUP8051-42DIR1 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051-42MIR1 EUTECH-EUP8051-42MIR1 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051-42QIR1 EUTECH-EUP8051-42QIR1 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
More results

Similar Description - EUP8057

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_17 Datasheet
284Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012 UTC-UB2012_15 Datasheet
287Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com