Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW120656001FKEA Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # CRCW120656001FKEA
Description  RF Power Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CRCW120656001FKEA Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button CRCW120656001FKEA Datasheet HTML 5Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 6Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 7Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 8Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 9Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 10Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 11Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 12Page - Freescale Semiconductor, Inc CRCW120656001FKEA Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MRFE6S9045NR1
9
RF Device Data
Freescale Semiconductor
N-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 14. Single-Carrier CCDF N-CDMA
10
1
0.1
0.01
0.001
24
6
8
IS−95 CDMA (Pilot, Sync, Paging, Traffic Codes 8
Through 13) 1.2288 MHz Channel Bandwidth
Carriers. ACPR Measured in 30 kHz Bandwidth @
±750 kHz Offset. ALT1 Measured in 30 kHz
Bandwidth @
±1.98 MHz Offset. PAR = 9.8 dB @
0.01% Probability on CCDF.
.................
.......
.................
. ..................
.........
......
.
.....
..
.
..
...
...... .
.
... ..................................
. ..
..
. .
. ...
.
.......
...
...............................
.............
..........
....
. ............................
.............
..
....... ...
....................
. ....
.. .
.. .........
....
.......
...
..............
.
.............
. .................... .
.... .
..
. .
................... .
.. ..
..
. ..
.. ..
.. ....
....
. ..
....... .. ..
. ..
. .
. ...
..........
.......
. .
..
. .
...
..
. .
..
..
....
...
....
...
. ... .
.
..
.........
.. .
..
..
.............
...
......
....
.....
........
...
.................
................
....
. ......
. ....
.
..
. ....
....
....
.. ..
..
.. .
.
...............
.....
... .
. .
.... .
...
............
..................
....
......
. .
.............................. ......
.
..
...................
..........
...........
.............
. .....
....
...................
.....
..
.....
....
...................
.... .......
.. ........
..........
. ...
. .........
....
.
....
..
...
.
..
..
..
...
.
..
..
...
.
. .
....
..
.....
...
.......
......
. .
.. .
....
. ....
...
.......
. .....
.. ..
.............
. .
...
.. ......
.......
.
....
............
.
.
..
.
.
...
.
......
.
.........
...
.
. .
..
.
.........
.
... .
.
.... ..
.
..
..
.
...
........
....
..
.....
..
............
......
....
......
..
..
.
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
−100
+ACPR in 30 kHz
Integrated BW
1.2288 MHz
Channel BW
2.9
0.7
2.2
1.5
0
−0.7
−1.5
−2.2
−2.9
−3.6
3.6
f, FREQUENCY (MHz)
Figure 15. Single-Carrier N-CDMA Spectrum
−ACPR in 30 kHz
Integrated BW
−ALT1 in 30 kHz
Integrated BW
+ALT1 in 30 kHz
Integrated BW


Similar Part No. - CRCW120656001FKEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW12065600FKEA NXP-CRCW12065600FKEA Datasheet
427Kb / 20P
   Airfast RF Power LDMOS Transistor
Rev. 0-March 2021
More results

Similar Description - CRCW120656001FKEA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com