Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX63__S_ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX63__S_
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX63__S_ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX63__S_ Datasheet HTML 3Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 4Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 5Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 6Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 7Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 8Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 9Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 10Page - Maxim Integrated Products MAX63__S_ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
8
_______________________________________________________________________________________
During the normal operating mode, the supervisor will
issue a reset pulse for the reset timeout period (140ms
min) if the µP does not update the WDI with a valid tran-
sition (HIGH to LOW or LOW to HIGH) within the stan-
dard timeout period (1.6s min).
After each reset event (VCC power-up, manual reset, or
watchdog reset), there is an initial watchdog startup
timeout period of 25.6s. The startup mode provides an
extended period for the system to power up and fully
initialize all µP and system components before assum-
ing responsibility for routine watchdog updates. The
normal watchdog timeout period (1.6s min) begins at
the conclusion of the startup timeout period or after the
first transition on WDI before the conclusion of the start-
up period (Figure 3).
Applications Information
Ensuring a Valid
RESET Output
Down to VCC = 0
In some systems, it is necessary to ensure a valid reset
even if VCC falls to 0. In these applications, use the cir-
cuit shown in Figure 4. Note that this configuration does
not work for the open-drain outputs of the MAX6352/
MAX6355/MAX6358.
Interfacing to µPs with
Bidirectional Reset Pins
Microprocessors with bidirectional reset pins will con-
tend with the push-pull outputs of these devices. To
prevent this, connect a 4.7k
Ω resistor between RESET
and the µP’s reset I/O port, as shown in Figure 5. Buffer
RESET as shown in the figure if this reset is used by
other components in the system.
Figure 4. Ensuring a Valid Reset Low to VCC1 and VCC2 = 0
VCC2VCC1
GND
100k
RST2
RST1
RST
MAX6351 MAX6356
MAX6353 MAX6357
MAX6354 MAX6359
MAX6360
VCC2
VCC1
Figure 5. Interfacing to µPs with Bidirectional Reset I/O
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
4.7k
GND
RESET
µP
GND
RST2
RST1
RST
MAX6351–MAX6360
VCC2
VCC2
VCC1
VCC1
1.6s
MAX
tWDI-NORMAL
1.6s MAX
tWDI-STARTUP
25.6s MAX
VTH
VCC
WDI
RESET
140ms
Figure 3. Normal Watchdog Startup Sequence
Chip Information
TRANSISTOR COUNT: 855


Similar Part No. - MAX63__S_

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630CSA MAXIM-MAX630CSA Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX630CSA MAXIM-MAX630CSA Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630CSA MAXIM-MAX630CSA Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630ESA MAXIM-MAX630ESA Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX630ESA MAXIM-MAX630ESA Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
More results

Similar Description - MAX63__S_

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com