Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH325-4 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH325-4
Description  Silicon NPN Phototransistor in SMT SIDELED짰-Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH325-4 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH325-4 Datasheet HTML 1Page - OSRAM GmbH SFH325-4 Datasheet HTML 2Page - OSRAM GmbH SFH325-4 Datasheet HTML 3Page - OSRAM GmbH SFH325-4 Datasheet HTML 4Page - OSRAM GmbH SFH325-4 Datasheet HTML 5Page - OSRAM GmbH SFH325-4 Datasheet HTML 6Page - OSRAM GmbH SFH325-4 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 325, SFH 325 FA
2001-09-12
3
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 325
SFH 325 FA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
860
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
380 … 1150
730 … 1120
nm
Bestrahlungsempfindliche Fläche
(∅ 220 µm)
Radiant sensitive area
A
0.038
0.038
mm
2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
L
× W
0.45
× 0.45
0.45
× 0.45
mm
× mm
Abstand Chipoberfläche zu Gehäuseoberfläche
Distance chip front to case surface
H
0.5 … 0.7
0.5 … 0.7
mm
Halbwinkel
Half angle
ϕ± 60
± 60
Grad
deg.
Kapazität,
V
CE = 0 V, f = 1 MHz, E = 0
Capacitance
C
CE
5.0
5.0
pF
Dunkelstrom
Dark current
V
CE = 25 V, E = 0
I
CEO
1 (
≤ 200)
1 (
≤ 200)
nA


Similar Part No. - SFH325-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH325-4 SIEMENS-SFH325-4 Datasheet
278Kb / 5P
   NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
More results

Similar Description - SFH325-4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2486 OSRAM-Q65110A2486 Datasheet
203Kb / 10P
   NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
   Silicon NPN Phototransistor in SMT Package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
   Silicon NPN Phototransistor in SMT-Package with lens
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
OSRAM GmbH
SFH320FA OSRAM-SFH320FA Datasheet
406Kb / 14P
   Silicon NPN Phototransistor in SMT TOPLED짰-Package Version 1.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com