Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4880L-D08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM4880L-D08-T
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880L-D08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LM4880L-D08-T Datasheet HTML 1Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 2Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 3Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 4Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 5Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 6Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 7Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 8Page - Unisonic Technologies LM4880L-D08-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM4880
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2007 Unisonic Technologies Co., Ltd.
QW-R502-033,B
DUAL 250mW AUDIO POWER
AMPLIFIER WITH SHUTDOWN
MODE
DESCRIPTION
The UTC LM4880 is a dual audio power amplifier capable of
delivering typically 250mW per channel of continuous average power
to an 8Ω load with 0.1% THD+N using a 5V power supply.
The UTC LM4880 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable UTC LM4880 can be configured by external
gain-setting resistors.
FEATURES
* No bootstrap capacitors or snubber circuits are necessary
* Unity-gain stable
* External gain configuration capability
APPLICATIONS
* Personal Computers
* CD-ROM Players
* Headphone Amplifier
*Pb-free plating product number: LM4880L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
LM4880-D08-T
LM4880L-D08-T
DIP-8
Tube
LM4880-SH2-R
LM4880L-SH2-R
HSOP-8
Tape Reel
LM4880-SH2-T
LM4880L-SH2-T
HSOP-8
Tube


Similar Part No. - LM4880L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880L-D08-T UTC-LM4880L-D08-T Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880L-D08-T UTC-LM4880L-D08-T Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4880L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com