Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1507GV-E1 Datasheet(PDF) 11 Page - California Eastern Labs

Part # UPB1507GV-E1
Description  NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1507GV-E1 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button UPB1507GV-E1 Datasheet HTML 3Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 4Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 5Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 6Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 7Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 8Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 9Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 10Page - California Eastern Labs UPB1507GV-E1 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Pin No. UPB1506GV
UPB1507GV
1
SW1
IN
2
IN
Vcc
3
IN
SW1
4
GND
OUT
5
OPEN
GND
6
SW2
SW2
7
OUT
OPEN
8
Vcc
IN
PART NUMBER
QUANTITY
MARKING
UPB1506GV-E1
1000/Reel
1506
UPB1507GV-E1
1000/Reel
1507
UPB1506GV, UPB1507GV
INTERNAL BLOCK DIAGRAM
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S08
ORDERING INFORMATION
Note:
1. Embossed tape 8 mm wide.
Pin 1 is in the tape pull-out direction.
1509
PIN CONNECTIONS
SW1
SW2
OUT
D
CLK
Q
IN
IN
Q
D
CLK
Q
Q
D
CLK
AMP
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
CLK
Q
Q
D
CLK
Q
Q
1
2
3
45
7
6
8
8
7
6
3.0 MAX
5
1
2
3
4
N
1.5±0.1
1.8 MAX
0.1 ± 0.1
0.3
+0.10
-0.05
0.575 MAX
0.15
+0.10
-0.05
4.94 ± 0.2
3.2±0.1
0.87±0.2
0.5 ± 0.2
0.65
3
+7˚
-3˚
Detail of Lead End
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
7/22/2004
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.


Similar Part No. - UPB1507GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1507GV-E1 NEC-UPB1507GV-E1 Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
Renesas Technology Corp
UPB1507GV-E1 RENESAS-UPB1507GV-E1 Datasheet
573Kb / 22P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS
1996
logo
List of Unclassifed Man...
UPB1507GV-E1-A ETC2-UPB1507GV-E1-A Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
More results

Similar Description - UPB1507GV-E1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
   Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
California Eastern Labs
UPB1509GV CEL-UPB1509GV Datasheet
338Kb / 8P
   NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER
logo
NEC
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
   1GHz DIVIDE-BY-248/256 PRESCALER
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com