Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G08GM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G08GM
Description  Low-power 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G08GM Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G08GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G08GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AUP1G08_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
4 of 17
Philips Semiconductors
74AUP1G08
Low-power 2-input AND gate
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
+50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP1G08GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G08GM NEXPERIA-74AUP1G08GM Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08GM-Q100 NEXPERIA-74AUP1G08GM-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
More results

Similar Description - 74AUP1G08GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
74AUP1G08 NEXPERIA-74AUP1G08 Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP2G08 NEXPERIA-74AUP2G08 Datasheet
292Kb / 19P
   Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
logo
NXP Semiconductors
74AUP2G08 NXP-74AUP2G08 Datasheet
100Kb / 17P
   Low-power dual 2-input AND gate
Rev. 03-29 May 2008
74AUP2G08 PHILIPS-74AUP2G08_11 Datasheet
146Kb / 21P
   Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com