Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM624 Datasheet(PDF) 11 Page - ELM Electronics

Part # ELM624
Description  Control L (LANC) to RS232 Interpreter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM624 Datasheet(HTML) 11 Page - ELM Electronics

Back Button ELM624_1 Datasheet HTML 7Page - ELM Electronics ELM624_1 Datasheet HTML 8Page - ELM Electronics ELM624_1 Datasheet HTML 9Page - ELM Electronics ELM624_1 Datasheet HTML 10Page - ELM Electronics ELM624_1 Datasheet HTML 11Page - ELM Electronics ELM624_1 Datasheet HTML 12Page - ELM Electronics ELM624_1 Datasheet HTML 13Page - ELM Electronics ELM624_1 Datasheet HTML 14Page - ELM Electronics ELM624_1 Datasheet HTML 15Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
looked something like these:
0 6 1 2 2 4 5 8
0 6 3 2 4 9 1 1
0 6 4 2 0 1 0 0
Comparing this to the other response, you can see
that the device is now in play mode (06), with the
time/counter still reading 00:01:11:49, as it has just
begun to play the tape. The 8 in the last position of the
first row indicates that (for this camera), there is a
‘memory mark’ here to show a significant spot on the
tape. This is how you would generally control a device
through LANC using computer control - issue a
command then monitor the status bytes until the
desired change has occurred. This way you can be
sure that the command was understood. Of course, if
you are manually controlling it from the keyboard, you
will know when the device has responded.
It is beyond the scope of this document to detail
the Control L standard in any more detail, but hopefully
this has been enough to get you started, and has
generated some ideas.
11 of 16
ELM624
ELM624DSD
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Talking to Many ELM624s - Using the Enable
The ELM624 provides an Enable input that can be
used to control whether the ELM624 pays attention to
the RS232 bus or not. This means that several devices
can share one data ‘channel’, while only those chosen
to do so will respond. In this way, controlling many
devices is not much different than controlling one,
except
for
the
work
involved
in
selecting
the
appropriate ELM624, and deselecting the others.
RS232 data received at the Rx pin of the ELM624
while the Enable input is high will be used by the IC,
and any data that appears at that pin while the Enable
is low will be ignored. You can use this in order to
selectively send information to several devices that
share a common RS232 bus. The messages sent to
each device do not have to be sent all at once as a
complete string - you can send one byte to device 1, a
few bytes to device 2, a byte to device 3, etc., as long
as you return back to each device before their internal
20 second timer causes an abort on an incomplete
string receive. This is usually quite easy to do.
To ensure that the enable works properly when
sending commands to the ELM624, be sure to have it
at an active level before the RS232 byte’s start bit
begins, and maintain it at that active level until at least
the end of the stop bit. There is no such restriction for
controlling the ELM624’s Tx output. The IC will turn the
output line off within one bit time of the Enable going
inactive, so if you do not want to receive any more
from that device, simply bring the Enable line low.
The (continuous) flow of status messages can be
monitored periodically while doing other tasks through
the Enable control. For example, one could issue a
command to rewind the tape (10 36), then periodically
check for a ‘tape end stopped’ status byte (72) while
doing other functions with other devices. There is no
restriction on how often one uses the Enable input – a
typical system with several devices will naturally try to
poll each device as often as it can to maintain ‘real-
time’ control. One should keep in mind that commands
typically take about 100 msec to complete, however,
so attempting to poll a device more often than that
may not be of much benefit.
Providing an Enable input simplifies the interface
circuitry needed if controlling multiple devices, often
reducing your design to basically a channel selector,
and
one
ELM624
per
channel.
The
Example
Applications section provides a sample circuit showing
one possible way of controlling three devices through
one RS232 interface.
Talking to Your LANC Device (cont’d)


Similar Part No. - ELM624_1

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM624DSA ELM-ELM624DSA Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
ELM624DSB ELM-ELM624DSB Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
ELM624DSC ELM-ELM624DSC Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
ELM624P ELM-ELM624P Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
ELM624SM ELM-ELM624SM Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
More results

Similar Description - ELM624_1

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM624 ELM-ELM624 Datasheet
44Kb / 7P
   CONTROL L TO RS232 INTERPRETER
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
   OBD to RS232 Interpreter
ELM327 ELM-ELM327_13 Datasheet
393Kb / 82P
   OBD to RS232 Interpreter
ELM323 ELM-ELM323 Datasheet
125Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM322 ELM-ELM322 Datasheet
118Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM322 ELM-ELM322_09 Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM323 ELM-ELM323_09 Datasheet
97Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com